Electronic Components Datasheet Search
  English  ▼

X  

HMU Datasheet(PDF) 13 Page - Hirose Electric

Part # HMU
Description  MU Type Fiber Optic Connectors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HMU Datasheet(HTML) 13 Page - Hirose Electric

Back Button HMU Datasheet HTML 9Page - Hirose Electric HMU Datasheet HTML 10Page - Hirose Electric HMU Datasheet HTML 11Page - Hirose Electric HMU Datasheet HTML 12Page - Hirose Electric HMU Datasheet HTML 13Page - Hirose Electric HMU Datasheet HTML 14Page - Hirose Electric HMU Datasheet HTML 15Page - Hirose Electric HMU Datasheet HTML 16Page - Hirose Electric HMU Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
17
sJ Plug Housing
qSimplex J Plug Housing for 0.9mm fiber
15
28
3.7
3
Part Number
CL No.
Boot color
HMUAJ-P0.9-H1(01)
710-0160-1-01
Blue
HMUAJ-P0.9-H2(01)
710-0161-4-01
Light purple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com