Electronic Components Datasheet Search
  English  ▼

X  

HMU Datasheet(PDF) 2 Page - Hirose Electric

Part # HMU
Description  MU Type Fiber Optic Connectors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HMU Datasheet(HTML) 2 Page - Hirose Electric

  HMU Datasheet HTML 1Page - Hirose Electric HMU Datasheet HTML 2Page - Hirose Electric HMU Datasheet HTML 3Page - Hirose Electric HMU Datasheet HTML 4Page - Hirose Electric HMU Datasheet HTML 5Page - Hirose Electric HMU Datasheet HTML 6Page - Hirose Electric HMU Datasheet HTML 7Page - Hirose Electric HMU Datasheet HTML 8Page - Hirose Electric HMU Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
6
Part
Material
Simplex plug housing
Synthetic resin
Spring
Steel
Ferrule
Zirconia
Simplex adapter housing
Synthetic resin
Adapter metal fittings
Stainless steel or copper alloy (Nickel plating)
Simplified receptacle housing
Synthetic resin
Simplified plug
Zirconia
Backplane connector housing
Synthetic resin
Split sleeve
Zirconia or copper alloy
Dust cap
Synthetic resin
sProduct Specifications
Ratings
Operating temperature range
-25°C to +70°C
SM
MM(GI)
Storage temperature range
-25°C to +70°C
sMaterials
Item
Test Method (IEC 61300/JIS C 5961)
Specifications
Insertion Loss
Wavelength 1310nm (LD)
0.5dB max. (AdPC)
Wavelength 1310nm (LED)
0.3dB max. (AdPC)
Return Loss
Wavelength 1310nm (LD)
40dB min. (AdPC)
Engagement and
Separation forces
Ferrule with drawal force
Extract zirconia gauge 1.249 ±0.0005 mm diameter
Copper alloy split sleeve
1N to 3N
from split sleeve.
Zirconia split sleeve
1N to 2.5N
Cable retention
1) Insertion loss fluctuation after test: 0.2dB max.
(Straight pull)
2) No visible damage, dislocation of clamp or cable.
Durability
200 times (Backplane)
(cycles, mating/unmating)
500 times (Plug)
Vibration
Shock
Humidity
-10°C to 65°C, humidity: 90% to 96%
(Temperature/ humidity- cycles)
10 cycles
Change of Temprature
-25°C to +70°C 100 cycles
Dry heat
960 hours at 85°C
Cold
960 hours at -25°C
Salt mist
48 hours in a 5% concentration of salt mist
No significant corrosion.
Measured with corresponding connector.
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm,
2 hours in each of the 3 axis.
70N tensile loads for one minute.
Acceleration of 981 m/s2, 6 ms duration,
sin half-wave waveform, 10 cycles in each of the 3 axis.
Simplex plug Engagement force: 12.5 N max.
Separation force: 12.5 N max.
Duplex plug
Engagement force: 25 N max.
Separation force: 25 N max.
1) Insertion loss fluctuation after test: 0.2dB max.
2) No visible damage, cracks or part dislocation.
SM
MM(GI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com