Electronic Components Datasheet Search
  English  ▼

X  

MA09489 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA09489
Description  70MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA09489 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA09489 Datasheet HTML 1Page - Golledge Electronics Ltd MA09489 Datasheet HTML 2Page - Golledge Electronics Ltd MA09489 Datasheet HTML 3Page - Golledge Electronics Ltd MA09489 Datasheet HTML 4Page - Golledge Electronics Ltd MA09489 Datasheet HTML 5Page - Golledge Electronics Ltd MA09489 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
www.golledge.com
Somerset,TA19 9DQ, UK
70MHz SAW Filter
Model: TB0505A
Part No: MA09489
REV NO.: 1
TB0505A v1
1
A.
MAXIMUM RATING:
1.
Input Power Level: 10dBm
2.
DC Voltage: 5V
3.
Operating Temperature: -10°C to 60°C
4.
Storage Temperature: -40°C to 85°C
B.
ELECTRICAL CHARACTERISTICS: (Ambient temperature: 25
℃)
Item
Unit
Min.
Type.
Max.
Note
Center frequency, Fc
MHz
69.955
70
70.044
-
Insertion Loss, IL
dB
-
3.2
6
-
3dB bandwidth
dB
0.03
0.05
-
-
40dB bandwidth
dB
-
0.14
0.2
-
Absolute Group Delay at Fc
µ s
-
16
-
-
Group Delay Variation (70±0.015 MHz)
µ s
-
6
12
-
Attenuation:(Reference level from Min IL)
0.3MHz ~ 69.8MHz
dB
48
58
-
-
70.2MHz ~ 71MHz
dB
35
43
-
-
71MHz ~ 71.5MHz
dB
35
45
-
-
71.5MHz ~ 75MHz
dB
45
48
-
-
Temperature coefficient of frequency
TCF
-0.032 ppm/C^2


Similar Part No. - MA09489

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA09482 GOLLEDGE-MA09482 Datasheet
178Kb / 6P
1885MHz SAW Filter
More results

Similar Description - MA09489

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LB070DS30 SIPAT-LB070DS30 Datasheet
258Kb / 3P
70MHz SAW Filter
LBN70A16 SIPAT-LBN70A16 Datasheet
251Kb / 3P
70MHz SAW Filter
LBN70A28 SIPAT-LBN70A28 Datasheet
172Kb / 3P
70MHz SAW Filter
LBN70A36 SIPAT-LBN70A36 Datasheet
143Kb / 3P
70MHz SAW Filter
LBN70A44 SIPAT-LBN70A44 Datasheet
150Kb / 3P
70MHz SAW Filter
LBN70A60 SIPAT-LBN70A60 Datasheet
192Kb / 3P
70MHz SAW Filter
LBN70A62 SIPAT-LBN70A62 Datasheet
193Kb / 3P
70MHz SAW Filter
LBN70A71 SIPAT-LBN70A71 Datasheet
196Kb / 3P
70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com