Electronic Components Datasheet Search
  English  ▼

X  

MA09489 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MA09489
Description  70MHz SAW Filter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA09489 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MA09489 Datasheet HTML 1Page - Golledge Electronics Ltd MA09489 Datasheet HTML 2Page - Golledge Electronics Ltd MA09489 Datasheet HTML 3Page - Golledge Electronics Ltd MA09489 Datasheet HTML 4Page - Golledge Electronics Ltd MA09489 Datasheet HTML 5Page - Golledge Electronics Ltd MA09489 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
www.golledge.com
Somerset,TA19 9DQ, UK
70MHz SAW Filter
Model: TB0505A
Part No: MA09489
REV NO.: 1
TB0505A v1
C.
OUTLINE DRAWING:
5 0 5
T B
□
2
Pin configuration
#L
Input
#M
Input RF-Return
#E
Output
#F
Output RF-Return
#A,B,C,D,G,H,J,K To be grounded
□
Date code
Unit mm
D.
MEASUREMENT CIRCUIT:
50 Ohm Test circuit (single-ended/single-ended)
50
Ω
HP Network analyzer
50
Ω
SAW Filter
L1=390 nH
IN
OUT
L1=390 nH
L
E
A,B,C,D,F,G,H,J,K,M
C1=6 pF
C1=6 pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com