Electronic Components Datasheet Search
  English  ▼

X  

HSC Datasheet(PDF) 5 Page - Hirose Electric

Part # HSC
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC Datasheet(HTML) 5 Page - Hirose Electric

  HSC Datasheet HTML 1Page - Hirose Electric HSC Datasheet HTML 2Page - Hirose Electric HSC Datasheet HTML 3Page - Hirose Electric HSC Datasheet HTML 4Page - Hirose Electric HSC Datasheet HTML 5Page - Hirose Electric HSC Datasheet HTML 6Page - Hirose Electric HSC Datasheet HTML 7Page - Hirose Electric HSC Datasheet HTML 8Page - Hirose Electric HSC Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
31
Simplex type
qShort length type (For 3mm Cable)
qStrain relief type
qShort length type (For 2mm Cable)
qLight weight type (For 0.9mm fiber)
7.4
0.9
25
36.5
25
33
7.4
0.9
CL No.
704-0464-4-31
704-0480-0-31
704-3124-2
Part Number
HSC-PH2-E1-A(31)
HSC-PH2-E2-A(31)
HSC-PH2-E5-A
Boot color
Polishing type
Outer jacket fixing
Blue
Light purple
Green
PC
AdPC
APC
Glue
CL No.
704-0339-2-06
704-0354-6-31
704-3104-5-31
Part Number
HSC-PH0.9-E1(06)
HSC-PH0.9-E2(31)
HSC-PH0.9-E5(31)
Boot color
Blue
Light purple
Green
Polishing type
PC
AdPC
APC
7.4
0.9
25
36.5
7.4
0.9
25
55
Part Number
CL No.
Fiber cable type
Boot color
Polishing type
Outer jacket fixing
HSC-PH2-E1(31)
704-0327-3-31
Blue
PC
HSC-PH2-E2(31)
704-0328-6-31
Ø2mm
Light purple
AdPC
Glue
HSC-PH2-E5(31)
704-3108-6-31
Green
APC
HSC-PH3-B1(31)
704-0222-5-31
Blue
PC
HSC-PH3-B2(31)
704-0223-8-31
Ø3mm
Light purple
AdPC
Crimp
HSC-PH3-B5(31)
704-3020-7-31
Green
APC
CL No.
704-0245-0-31
704-0245-0-32
Part Number
HSC-PH3-A4(31)
HSC-PH3-A4(32)
Boot color
Polishing type
Outer jacket fixing
Blue
Light purple
PC
AdPC
Crimp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com