Electronic Components Datasheet Search
  English  ▼

X  

HSC Datasheet(PDF) 11 Page - Hirose Electric

Part # HSC
Description  SC Type Fiber Optic Connectors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HSC Datasheet(HTML) 11 Page - Hirose Electric

Back Button HSC Datasheet HTML 7Page - Hirose Electric HSC Datasheet HTML 8Page - Hirose Electric HSC Datasheet HTML 9Page - Hirose Electric HSC Datasheet HTML 10Page - Hirose Electric HSC Datasheet HTML 11Page - Hirose Electric HSC Datasheet HTML 12Page - Hirose Electric HSC Datasheet HTML 13Page - Hirose Electric HSC Datasheet HTML 14Page - Hirose Electric HSC Datasheet HTML 15Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
37
sCable assembly
qSC strain relief type.
Note 1: The "L" within the Product Number indicates the length of the cable illustrated on the drawing. Please specify values in metric units.
Note 2: HSC2 cable assemblies are also available.
Note 3: APC polishing is performed at an angle of 8
°. Mating with connectors polished PC or AdPC is not possible.
Note : Please contact HIROSE if you have any requests.
BMounting Dimensions
Note: Panel thickness: 1.6mm
Plug
Panel
Adapter
Plug
Unit: mm
Combination
Dimensions
HSC-A2
HSC-A2-D1
HSC-A3
HSC-A3-D1
HSC2-4A
HSC2-4A-D1
HSC2-5A
HSC2-5A-D1
HSC-PH2-E1
HSC-PH2-E2
HSC-PH3-B1
HSC-PH3-B2
HSC-PH2-E1-A
HSC-PH3-A4
HSC-PH0.9-E1
HSC2-PH2-E1
HSC2-PH2-E2
HSC2-PH3-B1
HSC2-PH3-B2
HSC2-PH3-A
HSC-PH2-E1-A
HSC2-PH0.9-E1
HSC-PH2-E1
HSC-PH2-E1
HSC-PH3-B1
HSC-PH3-B2
58
28
15.2
53.4
23.4
10.6
ab
c
d
e
f
39.5
28
15.2
34.9
23.4
10.6
36
26
15.2
31.4
21.4
10.6
58
----
13.5
53.4
----
8.9
39.5
----
13.5
34.9
----
8.9
36
----
13.5
31.4
----
8.9
57.5
27.5
14.7
----
----
----
Adapter
Housing
HSC-R1-B
HSC-R2-B
Part Number
CL No.
Fiber cable type
Polishing type
Cable Diameter
HSC-SPE2-F3Q-L
HSC-SPC2-F3A-L
HSC-ASPE2-F3Q-L
HSC-ASPC2-F3A-L
HSC-CSPE2-F3Q-L
HSC-CSPC2-F3A-L
HSC-SPE2-F3P-L
HSC-SPC2-F3B-L
704-1073-2
704-1089-2
704-1071-7
704-1094-2
-------
-------
704-1081-0
704-1086-4
SM-9.5/125
GI-50/125
PC
AdPC
APC
PC
Ø2mm
Ø3mm
Ø2mm
Ø3mm
Ø2mm
Ø3mm
Ø2mm
Ø3mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com