Electronic Components Datasheet Search
  English  ▼

X  

MAX5933FESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5933FESA
Description  Positive High-Voltage, Hot-Swap Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5933FESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5933FESA Datasheet HTML 7Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 8Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 9Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 10Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 11Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 12Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 13Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 14Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Positive High-Voltage, Hot-Swap Controllers
______________________________________________________________________________________
13
Layout Considerations
To achieve accurate current sensing, a Kelvin connec-
tion is recommended. The minimum trace width for 1oz
copper foil is 0.02in per amplifier to ensure the trace
stays at a reasonable temperature. However, 0.03in.
per amplifier or wider is recommended. Note that 1oz
copper exhibits a sheet resistance of approximately
530µ
Ω/square. Small resistances add up quickly in
high-current applications. To improve noise immunity,
connect the resistor-divider to ON close to the device,
and keep traces to VCC and GND short. A 0.1µF
capacitor from ON to GND also helps reject induced
noise. Figure 14 shows a layout that addresses these
issues. It is recommended that 2oz copper is used,
particularly as the external MOSFET must be thermally
coupled to the MAX5933_/MAX5947_ to ensure proper
thermal-shutdown operation.
R6
1k
Ω
5%
C1
10nF
D1
CMPZ5248B
Q1
IRF530
R5
10
Ω
5%
RSENSE
0.01
Ω
R3
143k
Ω
1%
R4
4.22k
Ω
1%
R7
47k
Ω
5%
CL
220
µF
R2
10.2k
Ω
1%
R1
294k
Ω
1%
C2
0.68
µF
MAX5933A
GND
VIN
TIMER
ON
PWRGD
FB
GND
VCC
SENSE
GATE
5
1
3
2
4
87
6
SHORT
PIN
VIN+
ON/OFF
VIN-
VOUT+
VOUT-
VOUT
0.1
µF
GATE DRIVE vs. VCC
VCC (V)
60
40
20
2
4
6
8
10
12
14
16
0
080
Figure 13. Gate Drive vs. Supply Voltage
Figure 12. Active-Low Enable Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com