Electronic Components Datasheet Search
  English  ▼

X  

MAX5933FESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5933FESA
Description  Positive High-Voltage, Hot-Swap Controllers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5933FESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5933FESA Datasheet HTML 1Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 2Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 3Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 4Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 5Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 6Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 7Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 8Page - Maxim Integrated Products MAX5933FESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Positive High-Voltage, Hot-Swap Controllers
_______________________________________________________________________________________
3
Note 1: All currents into the device are positive and all currents out of the device are negative. All voltages are referenced to
ground, unless otherwise noted.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +24V (MAX5947A/B/C), VCC = +48V (MAX5933A–MAX5933F), GND = 0V, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ON Hysteresis
VONHYST
80
mV
ON Input Bias Current
IINON
VON = 0V
-1
+1
µA
PWRGD Leakage Current
IOH
VPWRGD = 80V
10
µA
PWRGD Leakage Current
IOL
VPWRGD = 80V
10
µA
IO = 2mA
0.4
PWRGD/PWRGD Output Low
Voltage
IO = 4mA
2.5
V
SENSE Input Bias Current
ISENSE
VSENSE = 0V to VCC
-1
+3
µA
Thermal Shutdown
Temperature rising
+150
°C
Thermal Shutdown Hysteresis
20
°C
ON Low-to-GATE Low
Propagation Delay
tPHLON
CGATE = 0, Figures 1, 2
6
µs
ON High-to-GATE High
Propagation Delay
tPLHON
CGATE = 0, Figures 1, 2
1.7
µs
FB Low-to-PWRGD Low
Propagation Delay
tPHLFB
Figures 1, 3
3.2
µs
FB High-to-PWRGD High
Propagation Delay
tPLHFB
Figures 1, 3
1.5
µs
(VCC - VSENSE) High-to-GATE
Low Propagation Delay
tPHLSENSE
TA = +25°C, CGATE = 0, Figures 1, 4
0.5
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com