Electronic Components Datasheet Search
  English  ▼

X  

MAXSMBUS Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAXSMBUS
Description  2-Wire Interface Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXSMBUS Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAXSMBUS Datasheet HTML 1Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 2Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 3Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 4Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 5Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 6Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 7Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
___MAXSMBus Functionality Check
Follow these steps to verify that the MAXSMBus inter-
face board is functioning properly. All necessary soft-
ware is supplied on a disk with the companion EV kit.
Instructions for operating the software are included in
the EV kit manual.
1) Connect a +9VDC supply (+7V minimum, +30V
maximum) to the MAXSMBus interface board at the
terminals labeled POS9 and GND in the lower left
corner of the board.
2) Use a digital voltmeter to verify that the oval pad
labeled POS5 is +5V (+4.75V minimum, +5.25V
maximum). Also verify that the pads labeled
SBDAT1, SBCLK1, SBSUS1, ALERT1, and ALERT2
are above +4V.
3) If these DC voltages are correct, MAXSMBus pass-
es the functionality test.
_______________Detailed Description
The MAXSMBus interface board provides all of the
interface signals necessary to interface an IBM PC-
compatible computer with an SMBus-compliant device.
A DB25 right-angle plug connects to the computer
(Table 1). The companion board plugs into a 20-pin
dual-row right-angle header at the edge of the board
(Table 2). Alternatively, connection can be made by
soldering wires to the oval pads as appropriate. This
allows the companion board to be placed in an environ-
mental chamber for evaluation over temperature.
Refer to the documentation of the companion Maxim EV
kit for quick start and operating instructions.
________________General Description
MAXSMBus is an interface between an IBM-compatible
PC and System Management Bus (SMBus™)-
compatible serial-interface devices such as tempera-
ture monitors, voltage regulators, or A/D converters
(ADCs). The MAXSMBus interface board is connected
between the PC parallel port and the device under test,
converting parallel data into 2-wire, open-drain serial
data. The board is provided for use with selected
Maxim products and is not intended to replace com-
mercially available SMBus hardware. MAXSMBus is
shipped with a companion EV kit board, including all
relevant software.
Note that the MAXSMBus board, combined with a PC,
is intended only for the functional evaluation of Maxim
SMBus-interfaced devices. The PC functions as the
only bus master, and does not yield to any other SMBus
master. The SMBus emulation system is not designed
to meet all of the SMBus specifications.
____________________________Features
o SMBus-Compatible 2-Wire Interface
o SMBus Suspend Output
o Two SMBus Alert Inputs
o Overvoltage Fault Protection
o PC Parallel Port Interface
2-Wire Interface Board
________________________________________________________________ Maxim Integrated Products
1
19-1629; Rev 1; 2/00
QTY
DESCRIPTION
C1, C2, C3
3
0.1µF ceramic capacitors
C4–C7, C9
5
3.3µF, 20V tantalum capacitors
D1
1
1N4692 zener diode, 6.8V
D2
1
1N4688 zener diode, 4.7V
D3
1
1N4148 small-signal diode
J1
1
DB25 right-angle plug
DESIGNATION
_______________Ordering Information
PART
MAXSMBus
BOARD TYPE
Companion Board for SMBus EV Kits
MAXSMBus Interface Board
____________________________Component List
J2
0
Not installed
P1
1
2x10 right-angle male header
R1, R2, R3,
R8–R11
7
47k
Ω ±5% resistors
R4–R7
4
4.7k
Ω ±5% resistors
U1
1
74HCT05 hex open-collector inverter
U2
1
74HCT04 hex inverter
U3
1
74HCT08 quad AND gate
U4
1
74HCT74 dual D flip-flop
U5
1
+5V, 100mA regulator
LM78L05ACM
U6
1
MAX865EUA (8-pin µMAX)
U7
1
MAX367CWN (18-pin SO)
NONE
1
PC board
SMBus is a trademark of Intel Corp.
C8
1
2.2µF, 35V tantalum capacitor
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAXSMBUS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXSMBUS MAXIM-MAXSMBUS Datasheet
1Mb / 7P
Measures and Displays Remote and Internal
Rev 0; 12/00
MAXSMBUS MAXIM-MAXSMBUS Datasheet
151Kb / 5P
Measures and Displays Remote Sensor
Rev 0; 5/01
More results

Similar Description - MAXSMBUS

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C04U FAIRCHILD-NM24C04U Datasheet
89Kb / 13P
EEPROM 2-Wire Bus Interface
logo
Xicor Inc.
X9448 XICOR-X9448 Datasheet
127Kb / 20P
Mixed Signal with 2-Wire Interface
logo
List of Unclassifed Man...
XE0204 ETC-XE0204 Datasheet
39Kb / 8P
2-Wire/4-Wire Telephone Line Interface
logo
Intersil Corporation
X9448 INTERSIL-X9448 Datasheet
312Kb / 19P
Mixed Signal with 2-Wire Interface
April 18, 2005
logo
ELM Electronics
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
Rotary Decoder - 2 wire 2x Interface
ELM403 ELM-ELM403 Datasheet
60Kb / 9P
Rotary Decoder - 2 wire 4x Interface
ELM408 ELM-ELM408 Datasheet
63Kb / 10P
Rotary Decoder - 2 wire Interface
logo
Panasonic Semiconductor
ET-MDNHM10 PANASONIC-ET-MDNHM10 Datasheet
183Kb / 1P
Interface Board for HDMI 2 input
logo
Nuvoton Technology Corp...
NAU8810 NUVOTON-NAU8810 Datasheet
2Mb / 102P
Differential/Mono Audio Codec with 2-wire Interface Control Interface
NAU88C10 NUVOTON-NAU88C10 Datasheet
2Mb / 103P
Mono Audio Codec with 2-wire Interface Control Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com