Electronic Components Datasheet Search
  English  ▼

X  

MAXSMBUS Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXSMBUS
Description  2-Wire Interface Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXSMBUS Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXSMBUS Datasheet HTML 1Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 2Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 3Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 4Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 5Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 6Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 7Page - Maxim Integrated Products MAXSMBUS Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2-Wire Interface Board
4
_______________________________________________________________________________________
Note: Odd-numbered pins are on the outer row. Even-numbered pins are on the inner row. All right-angle header signals pass through
the MAX367 circuit protector, except 20.
Table 2. Right-Angle Header P1 Signals
PIN
NAME
FUNCTION
1
DUT +5V
+5V at 1mA power supply to Maxim companion board
2
GND
Signal ground return
3
DUT SDA
SMBDATA interface signal
4
GND
Signal ground return
5
GND
Signal ground return
6
GND
Signal ground return
7
DUT SCL
SMBCLK interface signal
8
GND
Signal ground return
9
DUT SMBSUS
SMBSUS interface signal
10
GND
Signal ground return
11
DUT SMBALERT
Primary ALERT interface signal
12
GND
Signal ground return
13
DUT ALERT2
Secondary ALERT interface signal
14
GND
Signal ground return
15
SPARE OUTPUT A
Spare output from pin 1 of the DB25 connector
16
GND
Signal ground return
17
SPARE OUTPUT B
Spare output from pin 14 of the DB25 connector
18
GND
Signal ground return
19
GND
Signal ground return
20
RAW POWER
Unregulated, unprotected power-supply input to MAXSMBus interface board



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com