Electronic Components Datasheet Search
  English  ▼

X  

AP1040 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AP1040
Description  32V 2ch H-Bridge Motor Driver IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1040 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AP1040 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
[AP1040]
018001836-E-01
2018/06
- 12 -
Under Voltage Detection Circuit
(UVLO)
The AP1040 integrates a low voltage detection circuit in order to prevent malfunction of the IC when
motor drive power supply voltage (VM) is low. If the VM voltage is lower than 6.35 V, the AP1040 sets the
output stage to Hi-Z state. At this time, most internal circuits such as internal regulators and charge
pumps are disabled, and the control logic and protection function are reset (initialized).
Figure 11. Timing Chart of Under Voltage Detection Circuit
Thermal Shutdown Circuit (TSD)
When the internal temperature (Tj) of the IC reaches 175 °C, the thermal shutdown circuit turns off the
output stage (OUT pins = Hi-Z). Since this function , latches off, it is necessary to turn on the motor drive
power supply voltage (VM) again or restart the SLEEPB pin (“L” → “H”) for recovery.
Recovery with VM restart
Recovery with SLEEPB restart
Figure 12. Timing Chart of Thermal Shutdown Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com