Electronic Components Datasheet Search
  English  ▼

X  

AP1040 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AP1040
Description  32V 2ch H-Bridge Motor Driver IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1040 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AP1040 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 15Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 16Page - Asahi Kasei Microsystems AP1040 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
[AP1040]
018001836-E-01
2018/06
- 13 -
Overcurrent Protection Circuit
(OCP)
An overcurrent protection circuit is built in the output stage of the AP1040. When the current exceeding
the overcurrent detection current (IOCP), that is set inside the IC, continues to flow for the time set by
TBLANK (2 μs/@R
TBLANK
= 22 kΩ), the output stage is turned off (OUT pin = Hi- Z).
Since this function, latches off, it is necessary to turn on the motor drive power supply voltage (VM) again
or restart the SLEEPB pin (“L”
→ “H”) for recovery.
The AP1040 can adjust the overcurrent detection time by a resistor connecting to the TBLANK pin.
The detection time can be adjusted from 1.5 to 11
μs. This detection time is obtained by the following
formula.
TBLANK ={( RTBLANK
[kΩ] ×89) +39} ×10-9 [s]
RTBLANK = Should be in the range from 16.5 to 123k
Ω
For example, if RTBLANK=22k
Ω, T
BLANK will be 2
μs.
Recovery with VM restart
Recovery with SLEEPB restart
Figure 13. Overcurrent Protection Circuit Timing
Note 15. Note that there is a possibility that overcurrent protection may be repeated as latch
→ release
→ latch if latch is released while the AP1040 is still in the abnormal state after overcurrent
protection operation. It may cause heat generation or deterioration of the IC.
Note 16 When using the motor drive power supply voltage (VM) at a voltage higher than 28 V, set the
detection time of overcu
rrent protection to 1.5 μs to 6.8 μs.
Error Detection Signal
The AP1040 has an open drain FLAG pin to output an abnormality detection signal. When using the
FLAG pin, it must be pulled up to the VDC or to the external power supply (3.0 V to 5.5 V) by 100
kΩ.
The FLAG pin becomes “H” when the thermal protection or overcurrent protection circuit works. It keeps
outputting “L” level (< 0.5 Vmax) in normal condition. The FLAG pin can be open when it is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com