Electronic Components Datasheet Search
  English  ▼

X  

MPC17529 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC17529
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC17529 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC17529 Datasheet HTML 1Page - Motorola, Inc MPC17529 Datasheet HTML 2Page - Motorola, Inc MPC17529 Datasheet HTML 3Page - Motorola, Inc MPC17529 Datasheet HTML 4Page - Motorola, Inc MPC17529 Datasheet HTML 5Page - Motorola, Inc MPC17529 Datasheet HTML 6Page - Motorola, Inc MPC17529 Datasheet HTML 7Page - Motorola, Inc MPC17529 Datasheet HTML 8Page - Motorola, Inc MPC17529 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
17529
5
STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions TA = 25°C, VDD = VM = 5.0 V, GND = 0 V unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER
Motor Supply Voltage
VM
2.0
5.0
6.8
V
Logic Supply Voltage
VDD
2.7
5.0
5.6
V
Driver Quiescent Supply Current (No Signal Input)
IQ
M
––
1.0
µA
Logic Quiescent Supply Current (No Signal Input) (Note 7)
IQ
VDD
––
1.0
mA
Operating Power Supply Current
Logic Supply Current (Note 8)
Charge Pump Circuit Supply Current (Note 9)
IV
DD
IC
RES
–
–
–
–
3.0
0.7
mA
Low VDD Detection Voltage (Note 10)
VDD DET
1.5
2.0
2.5
V
Driver Output ON Resistance (Note 11)
RDS(ON)
–0.7
1.2
Ω
GATE DRIVE
Gate Drive Voltage
VC
RES
12
13
13.5
V
Recommended External Capacitance (C1L–C1H, C2L–C2H, CRES–GND)
CCP
0.01
0.1
1.0
µF
CONTROL LOGIC
Logic Input Voltage
VIN
0–
VDD
V
Logic Inputs (2.7 V < VDD < 5.7 V)
High-Level Input Voltage
Low-Level Input Voltage
High-Level Input Current
Low-Level Input Current
OE
Terminal Input Current Low
VIH
VIL
IIH
IIL
IIL-OE
VDD x0.7
–
–
-1.0
–
–
–
–
–
50
–
VDD x0.3
1.0
–
100
V
V
µA
µA
µA
Notes
7.
IQ
VDD includes the current to predriver circuit.
8.
IV
DD includes the current to predriver circuit at fIN = 100 kHz.
9.
At fIN = 20 kHz.
10.
Detection voltage is defined as when the output becomes high-impedance after VDD drops below the detection threshold. When the gate
voltage VCRES is applied from an external source,
VC
RES = 7.5 V.
11.
Source
+sink at IO = 0.7 A.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com