Electronic Components Datasheet Search
  English  ▼

X  

MPC17529 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC17529
Description  0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC17529 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC17529 Datasheet HTML 1Page - Motorola, Inc MPC17529 Datasheet HTML 2Page - Motorola, Inc MPC17529 Datasheet HTML 3Page - Motorola, Inc MPC17529 Datasheet HTML 4Page - Motorola, Inc MPC17529 Datasheet HTML 5Page - Motorola, Inc MPC17529 Datasheet HTML 6Page - Motorola, Inc MPC17529 Datasheet HTML 7Page - Motorola, Inc MPC17529 Datasheet HTML 8Page - Motorola, Inc MPC17529 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Simplified Application Diagram
VDD
C
RES
C1L
C1H
C2L
C2H
IN2B
OE
IN2A
IN1A
OUT2B
OUT2A
OUT1B
OUT1A
VM
GND
MCU
IN1B
5.0 V
5.0 V
17529
Bipolar
Step
Motor
N
S
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Motorola, Inc. 2004
Document order number: MPC17529
Rev 1.0, 03/2004
17529
Advance Information
17529 Simplified Application Diagram
0.7 A Dual H-Bridge Motor Driver
with 3.0V/5.0V Compatible Logic I/O
The 17529 is a monolithic dual H-Bridge power IC ideal for portable
electronic applications containing bipolar step motors and/or brush DC-motors
(e.g., cameras and disk drive head positioners).
The 17529 operates from 2.0 V to 6.8 V, with independent control of each
H-Bridge via parallel MCU interface (3.0 V- and 5.0 V-compatible logic). The
device features on-board charge pump, as well as built-in shoot-through
current protection and an undervoltage shutdown function.
The 17529 has four operating modes: Forward, Reverse, Brake, and
Tri-Stated (High Impedance). The 17529 has a low total RDS(ON) of 1.2 Ω (max
@25°C).
The 17529’s low output resistance and high slew rates provide efficient
drive for many types of micromotors.
Features
• Low Total RDS(ON) 0.7 Ω (Typ), 1.2 Ω (Max) @ 25°C
• Output Current 0.7 A (DC), 1.4 A (Peak)
• Shoot-Through Current Protection Circuit
• 3.0 V/5.0 V CMOS-Compatible Inputs
• PWM Control Input Frequency up to 200 kHz
• Built-In Charge Pump Circuit
• Low Power Consumption
• Undervoltage Detection and Shutdown Circuit
• Pb-Free Packaging Designated by Suffix Code EV
3.0 V/5.0 V LOGIC COMPATIBLE
0.7 A DUAL H-BRIDGE
MOTOR DRIVER IC
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MPC17529EV/EL
-20°C to 65°C
20 VMFP
EV (Pb-FREE) SUFFIX
CASE 1569-01
20-LEAD VMFP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC17529

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17529EJ FREESCALE-MPC17529EJ Datasheet
413Kb / 19P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
Rev. 4.0, 10/2015
MPC17529EL FREESCALE-MPC17529EL Datasheet
413Kb / 19P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
Rev. 4.0, 10/2015
MPC17529EV FREESCALE-MPC17529EV Datasheet
431Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
MPC17529EV FREESCALE-MPC17529EV Datasheet
413Kb / 19P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
Rev. 4.0, 10/2015
MPC17529EV/EL FREESCALE-MPC17529EV/EL Datasheet
413Kb / 19P
0.7 A Dual H-Bridge Motor Driver with 3.0V/5.0V Compatible Logic I/O
Rev. 4.0, 10/2015
More results

Similar Description - MPC17529

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17531A FREESCALE-MPC17531A Datasheet
501Kb / 19P
700mA Dual H-Bridge Motor Driver with 3.0V Compatible Logic I/O
17529 FREESCALE-17529 Datasheet
431Kb / 12P
0.7 A Dual H-Bridge Motor Driver with 3.0 V/5.0 V Compatible Logic I/O
17533 FREESCALE-17533 Datasheet
372Kb / 12P
0.7 A 6.8 V Dual H-Bridge Motor Driver
MPC17531A FREESCALE-MPC17531A_08 Datasheet
641Kb / 20P
700 mA Dual H-Bridge Motor Driver with 3.0 V Compatible Logic I/O
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
DRV8881 TI1-DRV8881 Datasheet
1Mb / 45P
2.5-A Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
NXP Semiconductors
MC34933 NXP-MC34933 Datasheet
822Kb / 17P
1.4 A Dual H-Bridge Driver Compatible with 3.0 V Logic
Rev. 3.0, 9/2014
logo
Texas Instruments
DRV8847 TI1-DRV8847_19 Datasheet
2Mb / 67P
Dual H-Bridge Motor Driver
logo
Princeton Technology Co...
PT5139 PTC-PT5139 Datasheet
1Mb / 18P
Dual H-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com