Electronic Components Datasheet Search
  English  ▼

X  

MSMA Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # MSMA
Description  Minas A Series Digital AC Servo Motors & Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MSMA Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button MSMA Datasheet HTML 12Page - Panasonic Semiconductor MSMA Datasheet HTML 13Page - Panasonic Semiconductor MSMA Datasheet HTML 14Page - Panasonic Semiconductor MSMA Datasheet HTML 15Page - Panasonic Semiconductor MSMA Datasheet HTML 16Page - Panasonic Semiconductor MSMA Datasheet HTML 17Page - Panasonic Semiconductor MSMA Datasheet HTML 18Page - Panasonic Semiconductor MSMA Datasheet HTML 19Page - Panasonic Semiconductor MSMA Datasheet HTML 20Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Panasonic
Minas A Series Digital AC Servo Motors & Drivers
MSMA Series
(Low Inertia)
TABLE OF CONTENTS
TABLE OF CONTENTS
At AC90V
40
lb
in
20
1000
3000
5000 r/min.
2.0
4.0
N
m
At AC100V
Intermittent Duty
Zone
Continuous Duty
Zone
e
u
q
r
o
T
d
e
t
a
R
m
.
N0
3
.
1
.
n
i
-
b
l1
5
.
1
1
m
u
m
i
x
a
M
m
.
N0
8
.
3
.
n
i
-
b
l6
6
.
3
3
r
o
t
o
R
a
i
t
r
e
n
I
t
u
o
h
t
i
W
e
k
a
r
B
.
g
k
0
1
x
4
- m2
0
6
3
.
0
n
i
.
b
l
2
3
2
1
.
0
h
t
i
W
e
k
a
r
B
.
g
k
0
1
x
4
- m2
0
9
3
.
0
n
i
.
b
l
2
3
3
1
.
0
d
e
e
p
S
d
e
t
a
R.
n
i
m
/
r0
0
0
3
m
u
m
i
x
a
M.
n
i
m
/
r0
0
5
4
t
h
g
i
e
W
t
u
o
h
t
i
W
e
k
a
r
B
g
k0
6
.
1
b
l3
5
.
3
h
t
i
W
e
k
a
r
B
g
k0
0
.
2
b
l1
4
.
4
t
n
e
r
r
u
C
d
e
t
a
R)
s
m
r
(
A4
.
4
m
u
m
i
x
a
M)
P
-
0
(
A6
.
8
1
r
e
w
o
P
g
n
i
t
a
R
t
u
o
h
t
i
W
e
k
a
r
B
s
/
W
k8
.
4
4
h
t
i
W
e
k
a
r
B
s
/
W
k4
.
1
4
e
k
a
r
B
)
n
o
i
t
p
O
(
e
g
a
t
l
o
VV
4
.
2
±
4
2
C
D
t
n
e
r
r
u
CA
,
C
D6
3
.
0
c
i
t
a
t
S
n
o
i
t
c
i
r
F
e
u
q
r
o
T
m
.
N
r
o
7
2
.
1
r
e
h
g
i
h
n
i
-
b
l
r
o
4
2
.
1
1
r
e
h
g
i
h
Note: Separate power source required for
brake (DC24V)
Permissible Radial and Thrust Loads
r
o
t
o
M
f
o
n
o
i
t
a
ll
a
t
s
n
I
g
n
i
r
u
Dr
o
t
o
M
f
o
n
o
i
t
a
r
e
p
O
g
n
i
r
u
D
d
a
o
L
l
a
i
d
a
RA
t
s
u
r
h
TB
t
s
u
r
h
Td
a
o
L
l
a
i
d
a
Rd
a
o
L
t
s
u
r
h
T
N
0
.
2
9
3N
0
.
7
4
1N
0
.
6
9
1N
0
.
5
4
2N
0
.
8
9
b
l
0
.
8
8b
l
0
.
3
3b
l
0
.
4
4b
l
0
.
5
5b
l
0
.
2
2
Speed - Torque Curve
Motor
L / 2
Radial Load
L
Motor
Thrust Load
B
A
Temperature Characteristics
MSMA041ccc - 400W/100V
Specifications
Ambient T emp.(C)
40
30
20
10
75
100
90
Without Oil Seal
100
40
30
20
10
Rated T orque(%)
Ambient T emp.(C)
With Oil Seal
Rated T orque(%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com