Electronic Components Datasheet Search
  English  ▼

X  

MSMA Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # MSMA
Description  Minas A Series Digital AC Servo Motors & Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MSMA Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button MSMA Datasheet HTML 13Page - Panasonic Semiconductor MSMA Datasheet HTML 14Page - Panasonic Semiconductor MSMA Datasheet HTML 15Page - Panasonic Semiconductor MSMA Datasheet HTML 16Page - Panasonic Semiconductor MSMA Datasheet HTML 17Page - Panasonic Semiconductor MSMA Datasheet HTML 18Page - Panasonic Semiconductor MSMA Datasheet HTML 19Page - Panasonic Semiconductor MSMA Datasheet HTML 20Page - Panasonic Semiconductor MSMA Datasheet HTML 21Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Panasonic
Minas A Series Digital AC Servo Motors & Drivers
MSMA Series
(Low Inertia)
TABLE OF CONTENTS
TABLE OF CONTENTS
e
k
a
r
BL
L
LM
L1
B
KT
LS
R
LW
LK
LW
KH
KH
R
t
u
o
h
t
i
W
5
.
3
5
1
)
3
4
0
.
6
(
5
.
3
2
1
)
2
6
8
.
4
(
4
9
)
1
0
7
.
3
(
5
.
8
6
)
7
9
6
.
2
(
5
.
9
2
)
1
6
1
.
1
(
4
1
)
1
5
5
.
0
(
0
3
)
1
8
1
.
1
(
5
2
)
4
8
9
.
0
(
5
.
2
2
)
6
8
8
.
0
(
5
)
7
9
1
.
0
(
5
)
7
9
1
.
0
(
1
1
)
3
3
4
.
0
(
h
t
i
W
5
.
6
8
1
)
3
4
3
.
7
(
5
.
6
5
1
)
1
6
1
.
6
(
7
2
1
)
0
0
0
.
5
(
Dimensions
Units: mm(in)
MSMA041ccc - 400W/100V
Note: Dimensions reflect incremental type motor. For absolute type motor dimensions, refer to the motor
specification.
Drawing not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com