Electronic Components Datasheet Search
  English  ▼

X  

MSMA082 Datasheet(PDF) 29 Page - Panasonic Semiconductor

Part # MSMA082
Description  Minas A Series Digital AC Servo Motors & Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MSMA082 Datasheet(HTML) 29 Page - Panasonic Semiconductor

Back Button MSMA082 Datasheet HTML 25Page - Panasonic Semiconductor MSMA082 Datasheet HTML 26Page - Panasonic Semiconductor MSMA082 Datasheet HTML 27Page - Panasonic Semiconductor MSMA082 Datasheet HTML 28Page - Panasonic Semiconductor MSMA082 Datasheet HTML 29Page - Panasonic Semiconductor MSMA082 Datasheet HTML 30Page - Panasonic Semiconductor MSMA082 Datasheet HTML 31Page - Panasonic Semiconductor MSMA082 Datasheet HTML 32Page - Panasonic Semiconductor MSMA082 Datasheet HTML 33Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
Panasonic
Minas A Series Digital AC Servo Motors & Drivers
MSMA Series
(Low Inertia)
TABLE OF CONTENTS
TABLE OF CONTENTS
Dimensions
Units: mm(in)
e
k
a
r
BL
L
LM
L1
B
K2
B
KS
R
LW
LK
LW
KH
KH
R
t
u
o
h
t
i
W
2
8
2
)
2
0
1
.
1
1
(
7
2
2
)
7
3
9
.
8
(
2
8
1
)
5
6
1
.
7
(
3
5
1
)
4
2
0
.
6
(
7
0
2
)
0
5
1
.
8
(
9
1
)
8
4
7
.
0
(
5
5
)
5
6
1
.
2
(
5
4
)
2
7
7
.
1
(
2
4
)
4
5
6
.
1
(
6
)
6
3
2
.
0
(
6
)
6
3
2
.
0
(
5
.
5
1
)
0
1
6
.
0
(
h
t
i
W
7
0
3
)
7
8
0
.
2
1
(
2
5
2
)
1
2
9
.
9
(
7
0
2
)
0
5
1
.
8
(
4
7
1
)
0
5
8
.
6
(
2
3
2
)
4
3
1
.
9
(
MSMA252ccc - 2.5kW/200V
Note: Dimensions reflect incremental type motor. For absolute type motor dimensions, refer to the motor
specification.
Drawing not to scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com