Electronic Components Datasheet Search
  English  ▼

X  

MSMA082 Datasheet(PDF) 36 Page - Panasonic Semiconductor

Part # MSMA082
Description  Minas A Series Digital AC Servo Motors & Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MSMA082 Datasheet(HTML) 36 Page - Panasonic Semiconductor

Back Button MSMA082 Datasheet HTML 31Page - Panasonic Semiconductor MSMA082 Datasheet HTML 32Page - Panasonic Semiconductor MSMA082 Datasheet HTML 33Page - Panasonic Semiconductor MSMA082 Datasheet HTML 34Page - Panasonic Semiconductor MSMA082 Datasheet HTML 35Page - Panasonic Semiconductor MSMA082 Datasheet HTML 36Page - Panasonic Semiconductor MSMA082 Datasheet HTML 37Page - Panasonic Semiconductor MSMA082 Datasheet HTML 38Page - Panasonic Semiconductor MSMA082 Datasheet HTML 39Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Panasonic
Minas A Series Digital AC Servo Motors & Drivers
MSMA Series
(Low Inertia)
TABLE OF CONTENTS
TABLE OF CONTENTS
At AC180V
500
lb
in
250
1000
r/min.
25
50
N
m
At AC200V
Intermittent Duty
Zone
Continuous Duty
Zone
(42.9)
e
u
q
r
o
T
d
e
t
a
R
m
.
N0
3
.
4
1
.
n
i
-
b
l5
6
.
6
2
1
m
u
m
i
x
a
M
m
.
N0
9
.
2
4
.
n
i
-
b
l5
9
.
9
7
3
r
o
t
o
R
a
i
t
r
e
n
I
t
u
o
h
t
i
W
e
k
a
r
B
.
g
k
0
1
x
4
- m2
0
3
.
5
1
n
i
.
b
l
2
3
2
.
5
h
t
i
W
e
k
a
r
B
.
g
k
0
1
x
4
- m2
0
0
.
7
1
n
i
.
b
l
2
1
8
.
5
d
e
e
p
S
d
e
t
a
R.
n
i
m
/
r0
0
0
3
m
u
m
i
x
a
M.
n
i
m
/
r0
0
5
4
t
h
g
i
e
W
t
u
o
h
t
i
W
e
k
a
r
B
g
k1
.
5
1
b
l3
.
3
3
h
t
i
W
e
k
a
r
B
g
k0
.
7
1
b
l5
.
7
3
t
n
e
r
r
u
C
d
e
t
a
R)
s
m
r
(
A0
.
8
2
m
u
m
i
x
a
M)
P
-
0
(
A8
1
1
r
e
w
o
P
g
n
i
t
a
R
t
u
o
h
t
i
W
e
k
a
r
B
s
/
W
k4
3
1
h
t
i
W
e
k
a
r
B
s
/
W
k0
2
1
e
k
a
r
B
)
n
o
i
t
p
O
(
e
g
a
t
l
o
VV
4
.
2
±
4
2
C
D
t
n
e
r
r
u
CA
,
C
D%
0
1
±
0
9
.
0
c
i
t
a
t
S
n
o
i
t
c
i
r
F
e
u
q
r
o
T
m
.
N
r
o
1
.
6
1
r
e
h
g
i
h
n
i
-
b
l
r
o
9
5
.
2
4
1
r
e
h
g
i
h
Note: Separate power source required for
brake (DC24V)
Permissible Radial and Thrust Loads
r
o
t
o
M
f
o
n
o
i
t
a
ll
a
t
s
n
I
g
n
i
r
u
Dr
o
t
o
M
f
o
n
o
i
t
a
r
e
p
O
g
n
i
r
u
D
d
a
o
L
l
a
i
d
a
RA
t
s
u
r
h
TB
t
s
u
r
h
Td
a
o
L
l
a
i
d
a
Rd
a
o
L
t
s
u
r
h
T
N
0
.
0
8
9N
0
.
8
8
5N
0
.
6
8
6N
0
.
4
8
7N
0
.
3
4
3
b
l
0
.
0
2
2b
l
0
.
2
3
1b
l
0
.
4
5
1b
l
0
.
6
7
1b
l
0
.
7
7
Speed - Torque Curve
Motor
L / 2
Radial Load
L
Motor
Thrust Load
B
A
Temperature Characteristics
MSMA452ccc - 4.5kW/200V
Specifications
85
75
100
40
30
20
10
Rat ed T orque(%)
Ambient T emp.(C)
Wit h brake
Without brake
With Oil Seal
Note:
Oil seal comes as standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com