Electronic Components Datasheet Search
  English  ▼

X  

PD100F5 Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # PD100F5
Description  FRD 100A AVG 500 VOLTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PD100F5 Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  PD100F5 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 4Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 5Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 6Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 7Page - Nihon Inter Electronics Corporation PD100F5 Datasheet HTML 8Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Display Interface ...
Connection to the display is made through a 34 position
connector J1 located in the center right side of the board. A
contrast potentiometer comes installed from the factory. This
potentiometer may be located externally if desired.
J1-
Pin#
1. UD0
2. UD1
3. UD2
4. UD3
5. UD4
6. UD5
7. UD6
8. UD7
9. LD0
10. LD1
11. LD2
12. LD3
13. LD4
14. LD5
15. LD6
16. LD7
17. WF (M)
18. LP
19. XSCL (CP)
20. YD (FLM)
21. Polarizer
22. +12 Volts
23. XSCL2
24. NC
25. +5
26. GROUND
27. Disp off
28. GROUND
29. VEE SELECT +
30. VEE
31. VEE SELECT COMMON
32. VEE
33. VEE SELECT -
34. GROUND
External contrast adjustment
Remove existing contrast pot and connect to:
PC8106P-2, 10K
PC8106N-2, 100K
J6.1, CW
J6.2, CW
J6.3, Wiper
J6.4, Wiper
J6.5, CCW
J6.6, CCW
Note:
Do not use the 5 volt or 12 volt pins for backlighting
voltage. We suggest using a spare disk drive power
connector or other source.
For displays requiring a positive contrast voltage, J1 pins 29
and 31 must be shorted together.
For displays requiring a negative contrast voltage, J1 pins 31
and 33 must be shorted together.
These jumpers help protect the display from the wrong voltage
being applied if you were trying to use the wrong version
display card.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com