Electronic Components Datasheet Search
  English  ▼

X  

2SC5695 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC5695
Description  Horizontal Deflection Output for High Resolution Display, Color TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5695 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC5695 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC5695
2001-10-29
4
Collector-emitter voltage VCE (V)
Safe Operating Area
Case temperature Tc (°C)
PC – Tc
rth (j-c) – tw
Pulse width tw (s)
Tc
= 25°C (infinite heat sink)
Curves should be applied in thermal limited area.
(single nonrepetitive pulse)
10
0.001
10
m
100
m
1 m
10 m
1
10
100
1000
100 m
0.01
0.1
1
Infinite heat sink
250
0
0
25
50
75
100
125
150
50
100
150
200
*: Single nonrepetitive pulse
Tc
= 25°C
Curves must be derated linearly with
increase in temperature.
100
0.01
1
10
100
1000
0.1
1
10
1 ms*
DC operation
Tc
= 25°C
IC max
(continuous)
IC max (pulsed)
VCEO
max
10 ms*
100 ms*
100
ms*
10
ms*



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com