Electronic Components Datasheet Search
  English  ▼

X  

2SC5695 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5695
Description  Horizontal Deflection Output for High Resolution Display, Color TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5695 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5695 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5695 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5695
2001-10-29
3
Base current IB (A)
VCE – IB
Collector current IC (A)
VCE (sat) – IC
Base current IB (A)
VCE – IB
Collector current IC (A)
Base current IB (A)
VCE – IB
Collector current IC (A)
VCE (sat) – IC
VCE (sat) – IC
0
0
Common
emitter
Tc
= 100°C
0.8
1.6
2.4
3.2
4
2
4
6
8
10
7
IC = 17 A
8
9 10 11 12 13
14
15
16
0.05
0.2
Common emitter
Tc
= -25°C
1
10
3
100
30
5
50
0.1
0.3
0.5
1
3
5
10
IC/IB = 4
10
8
6
0
0
0.8
1.6
2.4
3.2
4
2
4
6
8
10
7
IC = 17 A
8 9 10 11 12
13 14
15
16
Common
emitter
Tc
= 25°C
0
0
7
IC = 17 A
0.8
1.6
2.4
3.2
4
2
4
6
8
10
8 9 10 11 12
13
14
15
16
Common
emitter
Tc
= -25°C
10
0.05
1
10
3
100
30
5
50
0.1
0.3
0.5
1
3
5
IC/IB = 4
10
8
6
Common emitter
Tc
= 100°C
0.2
10
0.05
1
10
3
100
30
5
50
0.1
0.3
0.5
1
3
5
IC/IB = 4
10
8
6
Common emitter
Tc
= 25°C
0.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com