Electronic Components Datasheet Search
  English  ▼

X  

APX9151 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APX9151
Description  Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9151 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APX9151 Datasheet HTML 1Page - Anpec Electronics Coropration APX9151 Datasheet HTML 2Page - Anpec Electronics Coropration APX9151 Datasheet HTML 3Page - Anpec Electronics Coropration APX9151 Datasheet HTML 4Page - Anpec Electronics Coropration APX9151 Datasheet HTML 5Page - Anpec Electronics Coropration APX9151 Datasheet HTML 6Page - Anpec Electronics Coropration APX9151 Datasheet HTML 7Page - Anpec Electronics Coropration APX9151 Datasheet HTML 8Page - Anpec Electronics Coropration APX9151 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 3 - Nov . , 2 0 1 7
APX9 1 5 1
w w w .anpec.com .t w
2
Symbol
Param eter
Rating
Unit
V DD
VDD Pin S upply Vo ltage (VDD to GND)
-0 .3 to 7
V
V OUT
Output P in (OUT1, OUT2) O utp ut Voltage
-0 .3 to 7
V
IOUT
Output P in (OUT1, OUT2) Maximum Output Current – Continuo us
Hold
500
1000
mA
IFG
FG Pin O utput S ink Cur rent
20
mA
FG Pin O utput Voltage
-0 .3 to 7
V
TJ
Maximum Junction Temp erature
150
oC
TSTG
Storag e Temp erature
-65 to 15 0
oC
TSOR
Maximum Lea d Soldering Temperature , 10 Seconds
260
oC
Ab solu t e M a x im u m Ra t in gs (Note 1)
The rm a l Ch ar a ct er ist ics
S ymbol
P arame ter
Typical Va lue
Unit
θJA
Thermal Resistance-Junction to Am bient
(Note 2)
TSO T-23-6F
240
o C/W
PD
Power Dissipation, TA = 25°C
TSO T-23-6F
520
mW
Re com m e n de d Ope r a t ion Con dit ion s
Symbol
Parameter
Range
Unit
VDD
VDD Supply Voltage
1.8 to 6
V
TA
Operating Ambient Temperature
-40 to 105
oC
TJ
Junction Temperature
-40 to 125
oC
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Note 2 : The maximum allowable power dissipation at any T
A (ambient temperature) is calculated using: PD =(TJ – TA) / θJA; TJ = 150°C.
Exceeding the maximum allowable power dissipation will result in excessive die temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com