Electronic Components Datasheet Search
  English  ▼

X  

APX9151 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APX9151
Description  Single-Phase Full-Wave Motor Dr iver with Built - in Hall Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APX9151 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APX9151 Datasheet HTML 1Page - Anpec Electronics Coropration APX9151 Datasheet HTML 2Page - Anpec Electronics Coropration APX9151 Datasheet HTML 3Page - Anpec Electronics Coropration APX9151 Datasheet HTML 4Page - Anpec Electronics Coropration APX9151 Datasheet HTML 5Page - Anpec Electronics Coropration APX9151 Datasheet HTML 6Page - Anpec Electronics Coropration APX9151 Datasheet HTML 7Page - Anpec Electronics Coropration APX9151 Datasheet HTML 8Page - Anpec Electronics Coropration APX9151 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Copy r ight
© ANPEC Electronics Corp.
Rev . A. 3 - Nov . , 2 0 1 7
APX9 1 5 1
w w w .anpec.com .t w
3
APX9 151
S ymbol
Param eter
Test Conditions
Min.
Typ.
Max.
Unit
IDD1
Opera tin g Current
Rotation Mod e
-
5
8
mA
IDD2
Stand by Supply Cu rrent
PWM = 0
-
75
100
μ
A
VO
Output Dri ver S atu ration Voltage
IOUT=25 0mA,
Upp er and Lo wer total
-
0.18
0.36
V
V FG
FG Pi n Low Vol tag e
IFG =5mA
-
0 .2
0.4
V
IFGL
FG Pi n Off Leakag e Current
VFG =7V
-
<0.1
1
μ
A
VPWMH
Pulse Mode PWM Input High Level
Vol tag e
0.5xVDD
-
VDD+0.5
V
VPWML
Pulse Mode PWM Input L ow Level Vol tage
0
-
0.2xVDD
V
IPWML
PW M Pin Low Inpu t Curre nt
VPWM=0
-
-10
- 20
μ
A
TON
Lock Detection On Time
0.35
0 .5
0.65
sec
TOFF
Lock Detection Off Time
3.5
5
6.5
sec
TQS
Quick Start E nable Tim e
-
66.5
90
ms
FPWM
PW M Input Freque ncy
0.2
-
50
kHz
DST
Start Up PWM inpu t Duty
6
-
9
%
OTS
Over Temperature Shutdown Threshold
-
165
-
oC
Over Temperature Shutdown Hysteresis
-
30
-
oC
M a g n e t ic Ch a r a ct e r ist ics (T
A=25°C, VDD=5V, unless otherwise noted)
(Note 3)
APX9 151
S ymbol
Param eter
Test Conditions
Min.
Typ.
Max.
Unit
Bop
Mag netic O peration Point
0
10
20
Ga uss
B rp
Mag netic Rel ease Poin t
-20
-10
-0
Ga uss
Bhys
Mag netic Hysteresis
-
20
-
Ga uss
Ele ct r ica l Ch a r a ct e r ist ics (T
A=25°C, VDD=5V, unless otherwise noted)
Note3 : For start up only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com