Electronic Components Datasheet Search
  English  ▼

X  

PLR132 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PLR132
Description  Photo-link Light Receiver Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PLR132 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PLR132 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1.1
Page: 5 of 7
Device NO.: DPL-832-011
Prepared date: 06-24-2004
Prepared By: Chin-Chia Hsu
PLR132
*Fig.3 Measuring Method of Output Voltage, Pulse and Jitter
Output
Vin
16 Mbps NRZ "0101" successive signal input
Standard Transmitter Unit
Input
Signal
Input
tw = TPHL-TPLH
tj2
tj1
50%
50%
CH2
47uH
T
TPLH
PHL
Vcc
GND
CH1
Standard plastic optic fiber cable
PLR132 Receiver Unit
5V
A
GND
0.47uF
Vcc
Vout
Application Circuit
L2:47uH
C1:0.47uF
Vout
5V
L2
Vcc
GND
C1
Receiver Unit
Note: For having good coupling, the C1 capacitor must be placed within 2mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com