Electronic Components Datasheet Search
  English  ▼

X  

PLR132 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PLR132
Description  Photo-link Light Receiver Unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PLR132 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  PLR132 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLR132 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 1.1
Page: 6 of 7
Device NO.: DPL-832-011
Prepared date: 06-24-2004
Prepared By: Chin-Chia Hsu
PLR132
RELIABILITY TEST ITEMS
Test
Sample Size
Number (n)
No.
Item
Test Condition
Hour/Cycle
(Piece)
Failure (c)
1
Soldering Heat
260
ºC±5ºC
10 seconds
22
n=22, c=0
2
High Temp. Storage Ta=100
ºC
1000hrs
22
n=22, c=0
3
Low Temp. Storage
Ta=-55
ºC
1000hrs
22
n=22, c=0
High Temp. &
4
Humid. Test
Ta=85
ºC, RH=85%
1000hrs
22
n=22, c=0
-40
ºC
~~~~
85
ºC
5
Temperature Cycle
(30min) (5min) (30min)
300cycle
22
n=22, c=0
-10
ºC
~~~~
100
ºC
6
Thermal Shock
(5min) (10sec) (5min)
300cycle
22
n=22, c=0
7
DC Operating Life
Vcc=5V, Ta=25℃
1000hrs
22
n=22, c=0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com