Electronic Components Datasheet Search
  English  ▼

X  

AL Datasheet(PDF) 5 Page - AVX Corporation

Part # AL
Description  Air Core RF Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AL Datasheet(HTML) 5 Page - AVX Corporation

  AL_15 Datasheet HTML 1Page - AVX Corporation AL_15 Datasheet HTML 2Page - AVX Corporation AL_15 Datasheet HTML 3Page - AVX Corporation AL_15 Datasheet HTML 4Page - AVX Corporation AL_15 Datasheet HTML 5Page - AVX Corporation AL_15 Datasheet HTML 6Page - AVX Corporation AL_15 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
156
7
PERFORMANCE SPECIFICATIONS
Air Core RF Inductors
AL Series
160
140
120
100
80
60
40
10
100
1000
Frequency (MHz)
1000
800
600
400
200
0
1
10
100
1000
Frequency (MHz)
90.0nH
169nH
307nH
538nH
Inductance vs. Frequency
Typical Q vs. Frequency
300
250
200
150
100
50
0
10
100
1000
10000
Frequency (MHz)
250
200
150
100
50
0
10
100
1000
10000
Frequency (MHz)
22.0nH
39.0nH
47.0nH
56.0nH
68.0nH
82.0nH
120nH
Inductance vs. Frequency
Typical Q vs. Frequency
140
120
100
80
60
40
20
0
100
1000
Frequency (MHz)
200
150
100
50
0
10
100
1000
10000
Frequency (MHz)
Inductance vs. Frequency
17.5nH
22.0nH
28.0nH
35.5nH
43.0nH
Typical Q vs. Frequency
AL016
AL023
AL12B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com