Electronic Components Datasheet Search
  English  ▼

X  

AL Datasheet(PDF) 7 Page - AVX Corporation

Part # AL
Description  Air Core RF Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

AL Datasheet(HTML) 7 Page - AVX Corporation

  AL_15 Datasheet HTML 1Page - AVX Corporation AL_15 Datasheet HTML 2Page - AVX Corporation AL_15 Datasheet HTML 3Page - AVX Corporation AL_15 Datasheet HTML 4Page - AVX Corporation AL_15 Datasheet HTML 5Page - AVX Corporation AL_15 Datasheet HTML 6Page - AVX Corporation AL_15 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
158
7
PACKAGING SPECIFICATIONS
Air Core RF Inductors
AL Series
Thickness (t)
0.10 (.004) max
Embossed Cavity
Embossed Carrier
User Direction of Feed
No Components
390 (15.354) min
160 (6.299) min
560 (22.047) max
Components
Cover Tape
No Components
• The force for tearing off cover tape is
10 to 130 grams in the arrow direction
Top Cover Tape
165° to 180°
Base Tape
End
Start
C
C
A
B
T
G
N
MATERIAL:
PLASTIC
P
t
W
2.0 ±0.1
(0.079 ±0.004)
1.5 +0.1/-0
( 0.059 +0.004/-0)
5°
4.0 ±0.1
(0.157 ±0.004)
1.75 ±0.1
(0.069 ±0.004)
5°
CARRIER TAPE REELS
DIMENSIONS OF CARRIER TAPE
Series
ITEM
A
B
C
N
G
T
W
P
t
AL05A
DIM.
178
21
13
75
8.4
12.5
8
4
0.30
TOL.
±2.0
±0.8
±0.8
±2.0
+1.5
+1.5
±0.3
±0.1
±0.05
AL05B
DIM.
180
21
13
50
12.4
18.4
12
4
0.35
TOL.
MAX
±0.8
+0.5/-0.2
MIN
+2.0
MAX
±0.30
±0.10
±0.05
AL12A
DIM.
178
25
15
75
12.5
16.4
12
8
0.25
TOL.
±2.0
±1.0
±0.5
±2.0
+1.5
+1.5
±0.2
±0.1
±0.05
AL12B
DIM.
178
50
15
75
16.5
20.4
16
8
0.25
TOL.
±2.0
±1.0
±0.5
±2.0
+1.5
+1.5
±0.2
±0.1
±0.05
AL016
DIM.
340
20.2
13
100
16.5
25.5
16
12
0.30
TOL.
MAX
MIN
±0.5
REF
±0.5
±0.5
±0.30
±0.10
±0.05
AL023
DIM.
340
20.2
13
100
24.5
30.4
24.0
12.0
0.35
TOL.
MAX
MIN
±0.5
REF
±0.5
±0.5
±0.30
±0.10
±0.05
mm (inches)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com