Electronic Components Datasheet Search
  English  ▼

X  

RT12 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RT12
Description  Wirewound Rheostat/Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT12 Datasheet(HTML) 1 Page - Vishay Siliconix

  RT12 Datasheet HTML 1Page - Vishay Siliconix RT12 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
81
RT12, RTE12
Vishay Sfernice
Document Number: 50025
Revision 27-Jun-02
For technical questions, contact sfer@vishay.com
Wirewound Rheostat/Potentiometer
FEATURES
• 12 Watt at 25°C
• CCTU 05-03B (PA9)
• Vitreous RT12 and Laquered RTE12 styles
DIMENSIONS in millimeters
RT12-PA9
PANEL CUT OUT DETAILS
MECHANICAL SPECIFICATIONS
Mechanical Protection
RT12 vitreous
RTE12 lacquered
Mechanical Travel
290° + 15° – 10°
Operating Torque
1 to 10 Ncm
End Stop Torque
25 Ncm
Unit Weight
18.3 g
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
RT12 – 55°C + 320°C
RTE12 – 55°C + 220°C
Climatic Category
CCTU 454
CEI 55 / 200 / 56
ELECTRICAL SPECIFICATIONS
Ohmic Range
RT12
1
Ωto 2.2kΩ
RTE12
> 2.2K
Ωto 4.7kΩ
Tolerance Standard
± 10%
Power Rating
12 W at 25°C
Variation Law
linear
Limiting Element Voltage
300V
Dielectric Strength
1000VRMS
Insulation Resistance
10
3M
Ω(500Vcc)
Ø 3.5
6.5 ± 0.5
Ø 6.5
MOUNTING SIDE
22 ,5
1, 5
15, 5
1, 1
MIN
70
17
2
M6 x 0, 75
9
1
1
12, 5
2
ACF
18
2
+
+
+
+
22
2
+
- 0
3 - 0,05
AS


Similar Part No. - RT12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
109Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
logo
Bourns Electronic Solut...
RT12 BOURNS-RT12 Datasheet
107Kb / 1P
Trimpot Trimming Potentiometer
logo
Vishay Siliconix
RT12 VISHAY-RT12 Datasheet
97Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT12 VISHAY-RT12 Datasheet
79Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
logo
Tyco Electronics
RT120 MACOM-RT120 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
More results

Similar Description - RT12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RT100 VISHAY-RT100 Datasheet
143Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT55 VISHAY-RT55 Datasheet
157Kb / 2P
Wirewound Rheostat/Potentiometer
27-Jun-02
RT12 VISHAY-RT12_08 Datasheet
109Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT25 VISHAY-RT25 Datasheet
118Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT230 VISHAY-RT230_08 Datasheet
120Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT500 VISHAY-RT500 Datasheet
95Kb / 3P
Wirewound Rheostat/Potentiometer
24-Sep-08
RT12 VISHAY-RT12_16 Datasheet
97Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT55 VISHAY-RT55_16 Datasheet
98Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT230 VISHAY-RT230_16 Datasheet
126Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT500 VISHAY-RT500_16 Datasheet
94Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com