Electronic Components Datasheet Search
  English  ▼

X  

RT12 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RT12
Description  Wirewound Rheostat/Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RT12 Datasheet(HTML) 2 Page - Vishay Siliconix

  RT12 Datasheet HTML 1Page - Vishay Siliconix RT12 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number: 50025
Revision 27-Jun-02
www.vishay.com
82
RT12, RTE12
Vishay Sfernice
For technical questions, contact sfer@vishay.com
DIAL : CG45 (OPTION)
LOCKING DEVICE
The spindle locking device can be fitted only to special units
equipped with a slotted bushing.
Order reference : B.
For any special requirement on request : spindle flats, etc.
Please supply detailed drawing.
Ø
mm
3
3
WITH
WITHOUT
ACF
AS
12.5
22
SCREW DRIVER
SLOT
CODE
DISTANCE TO MOUNTING
PLATE MM
SPINDLES
1
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1 k
1.5 k
2.2 k
NOMINAL
RESISTANCE
Ω
MAX. SERVICE
VOLTAGE
V
MAX. CURRENT
THROUGH WIPER
mA
3.46
4.24
5.14
6.29
7.51
9.03
11
13.4
16.3
19.9
23.7
28.6
34.6
42.4
51.4
62.9
75.1
90.3
110
134
163
3460
2830
2340
1910
1600
1330
1100
900
740
603
505
420
346
283
234
191
160
133
110
90
74
PARTICULAR CHARACTERISTICS
RT
RTE
12
Optional
Optional
L
MODEL
ACC
KNOB
DIAL
20JF
CG45
OTHER SPECIAL
REQUIREMENTS
XXX
Method N°
Optional
1.5K
Ω
AS
SERIES
STYLE
SPINDLE
LOCKING
DEVICE
VARIATION
LAW
SPECIAL
DESIGN
OHMIC
VALUE
SPINDLE
(Code)
WINDING
TOLERANCE
± 10%
ORDERING INFORMATION
OPTIONS
VITREOUS
LACQUERED
for special
spindles
please supply
detailed drawing
COMMAND KNOB : 20JF (OPTION)
Wirewound Rheostat/Potentiometer
MARKING
SFERNICE trademark, series, style, ohmic value in
Ωor kΩ, tolerance in %, maximum current in A, manufacturing date
37 45
37
45
4 holes Ø 3.5
Ø 7
5
6
7
8
9
10
0
1
2
3
4
21
Ø 23
Ø 3
16
1 ± 0.2
3 ± 1
panel
spanner n° 10
7



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com