Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  500-mA, Low IQ, Small Size, Low Dropout Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV755P Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 4Page - Texas Instruments TLV755P Datasheet HTML 5Page - Texas Instruments TLV755P Datasheet HTML 6Page - Texas Instruments TLV755P Datasheet HTML 7Page - Texas Instruments TLV755P Datasheet HTML 8Page - Texas Instruments TLV755P Datasheet HTML 9Page - Texas Instruments TLV755P Datasheet HTML 10Page - Texas Instruments TLV755P Datasheet HTML 11Page - Texas Instruments TLV755P Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
500
-30
-25
-20
-15
-10
-5
0
5
10
-40°C
0°C
25°C
85°C
125°C
Time (ms)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
0
1
25
2
50
3
75
4
100
5
125
6
150
7
175
VOUT
VIN
VEN
IOUT
Time (ms)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
1
2
3
4
5
6
VIN
VOUT
Time (ms)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
VIN
VOUT
Time (ms)
0
20
40
50
0
3.28
1
3.288
2
3.296
3
3.304
4
3.312
5
3.32
6
3.328
VIN
VOUT
Time (Ps)
0
40
80 120 160 200 240 280 320 360 400 440 480
3.2
0
3.225
80
3.25
160
3.275
240
3.3
320
3.325
400
3.35
480
3.375
560
3.4
640
VOUT
IOUT
8
TLV755P
SBVS320A – NOVEMBER 2017 – REVISED MAY 2018
www.ti.com
Product Folder Links: TLV755P
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.45 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and CIN
= COUT = 1 µF (unless otherwise noted)
VOUT = 3.3 V, COUT = 1 µF, VIN slew rate = 1 V/µs
Figure 7. Line Transient
VIN = 5 V, VOUT = 3.3 V, COUT = 1 µF, IOUT slew rate = 1 A/µs
Figure 8. 3.3-V, 1-mA to 500-mA Load Transient
Figure 9. VIN = VEN Power-Up
Figure 10. VIN = VEN Shutdown
VIN = 5 V, IOUT = 100 mA, VEN slew rate = 1 V/µs, VOUT = 3.3 V
Figure 11. EN Startup
Figure 12. Load Regulation vs IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com