Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  500-mA, Low IQ, Small Size, Low Dropout Regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV755P Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 8Page - Texas Instruments TLV755P Datasheet HTML 9Page - Texas Instruments TLV755P Datasheet HTML 10Page - Texas Instruments TLV755P Datasheet HTML 11Page - Texas Instruments TLV755P Datasheet HTML 12Page - Texas Instruments TLV755P Datasheet HTML 13Page - Texas Instruments TLV755P Datasheet HTML 14Page - Texas Instruments TLV755P Datasheet HTML 15Page - Texas Instruments TLV755P Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 47 page
background image
t
=
120·R
L
120+R
L
·C
OUT
+
±
Bandgap
Thermal
Shutdown
UVLO
Logic
Current
Limit
120
Ÿ
IN
EN
GND
OUT
R1
R2
12
TLV755P
SBVS320A – NOVEMBER 2017 – REVISED MAY 2018
www.ti.com
Product Folder Links: TLV755P
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TLV755P belongs to a family of next-generation, low-dropout regulators (LDOs). This device consumes low
quiescent current and delivers excellent line and load transient performance. The TLV755P is optimized for a
wide variety of applications by supporting an input voltage range from 1.45 V to 5.5 V. To minimize cost and
solution size, the device is offered in fixed output voltages ranging from 0.6 V to 5 V to support the lower core
voltages of modern microcontrollers (MCUs).
This regulator offers foldback current limit, shutdown, and thermal protection. The operating junction temperature
is –40°C to +125°C.
7.2 Functional Block Diagram
NOTE: R2 = 550 kΩ, R1 = adjustable.
7.3 Feature Description
7.3.1 Undervoltage Lockout (UVLO)
An undervoltage lockout (UVLO) circuit disables the output until the input voltage is greater than the rising UVLO
voltage (VUVLO). This circuit ensures that the device does not exhibit any unpredictable behavior when the supply
voltage is lower than the operational range of the internal circuitry. When VIN is less than VUVLO, the output is
connected to ground with a 120-Ω pulldown resistor.
7.3.2 Enable (EN)
The enable pin (EN) is active high. Enable the device by forcing the EN pin to exceed VHI. Turn off the device by
forcing the EN pin below VLO. If shutdown capability is not required, connect EN to IN.
The device has an internal pulldown that connects a 120-Ω resistor to ground when the device is disabled. The
discharge time after disabling depends on the output capacitance (COUT) and the load resistance (RL) in parallel
with the 120-Ω pulldown resistor. Equation 1 calculates the time constant τ:
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com