Electronic Components Datasheet Search
  English  ▼

X  

SCW20 Datasheet(PDF) 4 Page - Mean Well Enterprises Co., Ltd.

Part # SCW20
Description  20W DIP Package DC-DC Regulated Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCW20 Datasheet(HTML) 4 Page - Mean Well Enterprises Co., Ltd.

  SCW20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
File Name:SCW20-SPEC 2018-02-27
All dimensions in mm(inch)
Tolerance:x.x
0.5mm(
0.02")
±±
x.xx
x.xxx
x.xx
0.25mm(
0.010")
±±
Pin size is:0.8
0.05mm (0.03
0.002")
±"±
Pin Assignment
Pin No.
2,3
1
9
11
14
16
22,23
-Vin
Remote ON/OFF
N.C.
N.C.
+Vout
-Vout
+Vin
Output
20W DIP Package DC-DC Regulated Converter
SCW20 series
Mechanical Specification
16
9
23
2
1
22
14
3
11
Bottom View
Side View
15.24(0.6)
3.8(0.15)
12.2(0.48)
20.3(0.8)
0.8(0.03")
Derating Curve
Ta (
)
℃
-40
-20
0
Natural convection
20
40
50
60
80
75
100
40
20
60
80
100
70
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com