Electronic Components Datasheet Search
  English  ▼

X  

SCW20 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # SCW20
Description  20W DIP Package DC-DC Regulated Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

SCW20 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  SCW20 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. SCW20 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
■ Model Encoding
DIP24 package with industry standard pinout
2:1 wide input range
Operating temperature range -40 ~ +80℃
No minimum load required
Comply to EN55032 radiated Class A without additional
components
High efficiency up to 89%
Protections: Short circuit (Continuous) / Overload
1.5KVDC I/O isolation
Remote ON/OFF control
3 years warranty
■ Features
File Name:SCW20-SPEC 2018-02-27
■ Applications
■ Description
Output voltage (5/ /
12 15Vdc)
Rated wattage
Input voltage (
)
A: 9~18Vdc B: 18~36Vdc C: 36~75Vdc
,,
Series name
- 12
SCW20 A
20W DIP Package DC-DC Regulated Converter
Telecom datacom system
/
Wireless network
Industrial control facility
Instrument
Analyzer
Detector
Data switch
SCW20 series
S
series
W isolated and
module type DC-DC converter with IP
package. It features
CW20
is 20
regulated
D 24
international standard pins, a high efficiency up to 8 %,
working temperature range -40~+,
9
wide
80℃
1.5
Compliance to EN55032 radiated Class A without additional
KVDC I/P-O/P isolation voltage,
components
additional components,
, continuous-mode short circuit protection, etc. The
models account for
different input voltage
and various output voltage,
9~18V, 18~36V and 36~75V 2:1 wide input range,
5V/12V/15V
single output, which are suitable for all kinds of systems, uch as industrial control,
for
s
telecommunication field, distributed power architecture, and so on.


Similar Part No. - SCW20

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SCW20W8 MEANWELL-SCW20W8 Datasheet
269Kb / 6P
20W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-08-21
SCW20W8-03 MEANWELL-SCW20W8-03 Datasheet
269Kb / 6P
20W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-08-21
SCW20W8-05 MEANWELL-SCW20W8-05 Datasheet
269Kb / 6P
20W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-08-21
SCW20W8-12 MEANWELL-SCW20W8-12 Datasheet
269Kb / 6P
20W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-08-21
SCW20W8-15 MEANWELL-SCW20W8-15 Datasheet
269Kb / 6P
20W DIP Package 8:1 Ultra-Wide Input DC-DC Regulated Converter
2025-08-21
More results

Similar Description - SCW20

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
WPN20R12S05C MURATA-WPN20R12S05C Datasheet
221Kb / 4P
20W Regulated DC/DC Converter
logo
Mean Well Enterprises C...
SKA20 MEANWELL-SKA20 Datasheet
271Kb / 1P
20W DC-DC Regulated Single Output Converter
SKA20 MEANWELL-SKA20_12 Datasheet
272Kb / 1P
20W DC-DC Regulated Single Output Converter
logo
Minmax Technology Co., ...
MDWI08 MINMAX-MDWI08 Datasheet
430Kb / 4P
DC/DC CONVERTER 8W, Regulated Output, DIP Package
logo
Mean Well Enterprises C...
SLC03 MEANWELL-SLC03 Datasheet
103Kb / 4P
3W DIP Package DC-DC Regulated Converter
SCWN03 MEANWELL-SCWN03 Datasheet
106Kb / 4P
3W DIP Package DC-DC Regulated Converter
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
6W DIP Package DC-DC Regulated Converter
logo
MORNSUN Science& Techno...
URB2403YMD-20WR3 MORNSUN-URB2403YMD-20WR3 Datasheet
2Mb / 9P
20W isolated DC-DC converter DIP package with Ultra-wide Input and Regulated Single Output
logo
Mean Well Enterprises C...
MDS03 MEANWELL-MDS03 Datasheet
95Kb / 5P
3W DIP Package DC-DC Medical Grade Regulated Converter
MDS06 MEANWELL-MDS06 Datasheet
94Kb / 5P
6W DIP Package DC-DC Medical Grade Regulated Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com