Electronic Components Datasheet Search
  English  ▼

X  

MP01724 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP01724
Description  83.16MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01724 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP01724 Datasheet HTML 1Page - Golledge Electronics Ltd MP01724 Datasheet HTML 2Page - Golledge Electronics Ltd MP01724 Datasheet HTML 3Page - Golledge Electronics Ltd MP01724 Datasheet HTML 4Page - Golledge Electronics Ltd MP01724 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
83.16MHz SAW Filter
Model: TB0586A
Part No: MP01724
REV NO.: 2
TB0586A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 5V
3. Operating Temperature: -20°C to +70°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS: ( Ambient temperature : 25°C)
Item
Unit
Min.
Type.
Max.
Note
Center frequency, Fc
MHz
-
83.16
-
-
Minimum Insertion loss
IL
dB
-
2.9
5.0
-
Pass band ripple Fc±15 kHz
dB
-
0.5
1.5
-
Group Delay Variation Fc±15 kHz
μs
-
4
10
-
Relative Attenuation (relative to 0 dB)
Fc-1000 kHz ~ Fc- 120 kHz
dB
40
50
-
-
Fc- 120 kHz ~ Fc- 60 kHz
dB
17
28
-
-
Fc+ 60 kHz ~ Fc+ 120 kHz
dB
17
28
-
-
Fc+ 120 kHz ~ Fc+1000 kHz
dB
40
56
-
-
Temperature coefficient of frequency
TCf
-0.033 ppm/C^2
Note1. Considering -6 KHz frequency shift from –20°C to +70°C


Similar Part No. - MP01724

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01703 GOLLEDGE-MP01703 Datasheet
136Kb / 5P
240.0MHz SAW Filter
MP01717 GOLLEDGE-MP01717 Datasheet
169Kb / 7P
SAW Filter 757.50MHz
MP01742 GOLLEDGE-MP01742 Datasheet
68Kb / 6P
2067.0MHz SAW Filter
MP01767 GOLLEDGE-MP01767 Datasheet
129Kb / 6P
SAW Filter 710 MHz
MP01779 GOLLEDGE-MP01779 Datasheet
59Kb / 3P
Ambient Temperature: 25째C
More results

Similar Description - MP01724

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0586A TAI-SAW-TB0586A Datasheet
347Kb / 7P
SAW Filter 83.16MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com