Electronic Components Datasheet Search
  English  ▼

X  

MP01724 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MP01724
Description  83.16MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP01724 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MP01724 Datasheet HTML 1Page - Golledge Electronics Ltd MP01724 Datasheet HTML 2Page - Golledge Electronics Ltd MP01724 Datasheet HTML 3Page - Golledge Electronics Ltd MP01724 Datasheet HTML 4Page - Golledge Electronics Ltd MP01724 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
83.16MHz SAW Filter
Model: TB0586A
Part No: MP01724
REV NO.: 2
TB0586A v2
2
C. OUTLINE DRAWING:
Product Year Code
Year
2001
2005
2002
2006
2003
2007
2004
2008
Product Code
B
b
B
b
D. MEASUREMENT CIRCUIT:
50 Ohm Test circuit ( single-ended / single-ended )
5 8 6
T B
□
Pin configuration
#a Input
#b Input RF-Return
#f Output
#g Output RF-Return
#c,d,e,h,j,k To be grounded
Unit mm
50Ω
HP Network analyzer
50Ω
SAW Filter
L1=39 0nH
IN
OUT
L1=39 0nH
a
f
b,c,d,e,g ,h,j ,k
C1=4.7pF
C1=4. 7pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com