Electronic Components Datasheet Search
  English  ▼

X  

STV0684 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STV0684
Description  Digital Camera Processor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0684 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STV0684 Datasheet HTML 3Page - STMicroelectronics STV0684 Datasheet HTML 4Page - STMicroelectronics STV0684 Datasheet HTML 5Page - STMicroelectronics STV0684 Datasheet HTML 6Page - STMicroelectronics STV0684 Datasheet HTML 7Page - STMicroelectronics STV0684 Datasheet HTML 8Page - STMicroelectronics STV0684 Datasheet HTML 9Page - STMicroelectronics STV0684 Datasheet HTML 10Page - STMicroelectronics STV0684 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
7/49
STV0684
Signal Description
Table 1: STV0684 signal description1
Pin name
Location
Type
SFP
number
Description
Power supplies: total 38 pins
VDDI1
L12
S
VDD IO Supply 3.3V
VDDI2
G13
S
VDD IO Supply 3.3V
VDDI3
F10
S
VDD IO Supply 3.3V
VDDI4
F7
S
VDD IO Supply 3.3V
VDDI5
F4
S
VDD IO Supply 3.3V
VDDI6
K3
S
VDD IO Supply 3.3V
VDDI7
N3
S
VDD IO Supply 3.3V
VDDI8
P5
S
VDD IO Supply 3.3V
VDDI9
N6
S
VDD IO Supply 3.3V
VDDI10
K8
S
VDD IO Supply 3.3V
VDDC1
G8
S
VDD CORE supply 1.8V
VDDC2
C7
S
VDD CORE supply 1.8V
VDDC3
F2
S
VDD CORE supply 1.8V
VDDC4
M5
S
VDD CORE supply 1.8V
VDDC5
M11
S
VDD CORE supply 1.8V
VSS
L13
S
GROUND
VSS
H8
S
GROUND
VSS
F14
S
GROUND
VSS
E13
GROUND
VSS
B7
S
GROUND
VSS
A7
S
GROUND
VSS
F6
S
GROUND
VSS
G6
S
GROUND
VSS
K4
S
GROUND
VSS
P2
S
GROUND
VSS
P4
S
GROUND
VSS
M6
S
GROUND
VSS
M7
S
GROUND
VSS
P8
S
GROUND
VSS
N11
S
GROUND
VDDP
D8
S
PLL core supply 3.3V
VSSP
E8
S
PLL core GND
TV_VDDA
A12
S
TV core supply 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com