Electronic Components Datasheet Search
  English  ▼

X  

T93 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T93
Description  3/8 Square Multi-Turn Cermet Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T93 Datasheet(HTML) 1 Page - Vishay Siliconix

  T93 Datasheet HTML 1Page - Vishay Siliconix T93 Datasheet HTML 2Page - Vishay Siliconix T93 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 51026
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 05-Aug-04
73
T93
Vishay Sfernice
3/8” Square Multi-Turn Cermet Trimmers
FEATURES
∑ Industrial Grade
∑ 0.5 Watt at 70°C
∑ CECC 41 100
∑ MIL-R-22097
∑ Good stability
∑ Contact resistance variation < 1% typical
∑ Meet MIL-R-22097 specifications
The T93 is a small size trimmer - 3/8” x 3/8” x 3/16” - answering
PC board mounting requirements.
Five versions are available which differ by the position of the
control screw in relation to the PC board plane and by the spacing
of the terminals.
Excellent operational stability is provided by the use of a cermet
element.
DIMENSIONS in millimeters
CIRCUIT DIAGRAM
2.3
± 0.2*
2.54
2.54
slot 0.6 x 0.6
9.8 max
5
± 1
ø 0.5
a
b
c
1.3
ø 2.2
7.9
± 0.2
0.5
a
b
c
0.6
± 0.2*
2.54*
2.54*
slot 0.6 x 0.6
2.54
9.8 max
5
± 1
ø 0.5
a
b
c
1.3
ø 2.2
7.9
± 0.2
0.5
9.7 max
5 max
1.2
± 0.2
a
b
c
2.3
± 0.2*
2.54*
2.54*
9.8 max
5
± 1
ø 0.5
a
b
c
slot 0.6 x 0.6
ø 2.2
1.3
9.7 max
5 max
1.2
± 0.1
1.6
± 0.1
a
b
c
0.6
± 0.2*
2.54*
2.54*
2.54
9.8 max
5
± 1
a
slot 0.6 x 0.6
ø 2.2
1.3
ø 0.5
b
c
0.5
9.7 max
5 max
1.2
± 0.1
1.6
± 0.1
a
b
c
4.8
± 0.2*
slot 0.6 x 0.6
2.54*
2.54*
2.54*
9.7 max
1.3
ø 2.2
c
b
a
T93XA
T93XB
T93YA
T93YB
T93Z
9.7 max
5 max
1.2
± 0.2
5.2 max
5
± 1
ø 0.5
0.5
Base level
1.2
± 0.1
1.3
± 0.1
9.7 max
c
b
a
a
c
b
cw
(2)
(3)
(1)
* to be measured at base level
Terminal Spacing
on a 2.54 PCB


Similar Part No. - T93

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93 VISHAY-T93 Datasheet
110Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93 VISHAY-T93 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93 VISHAY-T93 Datasheet
103Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
Revision: 20-Oct-2025
logo
Intel Corporation
T9300 INTEL-T9300 Datasheet
1Mb / 77P
Core2 Duo Processor and Core2 Extreme Processor on 45-nm Process
logo
Infineon Technologies A...
T930N INFINEON-T930N Datasheet
297Kb / 10P
Netz-Thyristor Phase Control Thyristor
2009-03-04 revision:1.0
More results

Similar Description - T93

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
J9WB103K TOCOS-J9WB103K Datasheet
134Kb / 2P
3/8??Square, Multi-Turn, Through-Hole Sealed Cermet Trimmers
logo
Vishay Siliconix
T93 VISHAY-T93_13 Datasheet
90Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
24-Aug-10
T93XA202KT20 VISHAY-T93XA202KT20 Datasheet
96Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YB202KT20 VISHAY-T93YB202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA102KT20 VISHAY-T93YA102KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93 VISHAY-T93_17 Datasheet
110Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
117S_VO1 VISHAY-117S_VO1 Datasheet
70Kb / 3P
Multi-Turn 3/8" (9.52 mm) Square Wirewound Trimmers
20-Jul-2021
T93 VISHAY-T93_V01 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com