Electronic Components Datasheet Search
  English  ▼

X  

T93 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T93
Description  3/8 Square Multi-Turn Cermet Trimmers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T93 Datasheet(HTML) 3 Page - Vishay Siliconix

  T93 Datasheet HTML 1Page - Vishay Siliconix T93 Datasheet HTML 2Page - Vishay Siliconix T93 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document Number: 51026
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 05-Aug-04
75
T93
3/8” Square Multi-Turn Cermet Trimmers
Vishay Sfernice
MARKING
Printed:
– VISHAY trademark
– series
– style
– ohmic value (in
W, kW, MW)
– tolerance (in %)
– manufacturing date
– marking of terminal 3
STANDARD RESISTANCE ELEMENT DATA
STANDARD
RESISTANCE
VALUES
LINEAR LAW
T.C.
–55°C
+125°C
MAX.
POWER
AT 85°C
MAX.
WORKING
VOLTAGE
MAX. CUR.
THROUGH
ELEMENT
W
W
W
W
W
V
mA
ppm/°C
10
22
47
0.5
2.2
3.3
4.8
224
150
103
0
+200
100
220
470
1k
2.2k
4.7k
10k
22k
47k
100k
220k
470k
1M
2.2M
0.5
0.28
0.13
0.06
0.028
7
10.5
15.3
22.4
33.2
48.5
70.7
105
153
224
250
250
250
250
70
47
32
22
15
10
7
4.8
3.2
2.2
1.1
0.53
0.25
0.11
± 100
NB. On delivery the wiper is positioned at mid-level.
PACKAGING
– In magazine pack by 50 pieces (tube) code “TU50”.
ORDERING INFORMATION
T93
SERIES
XA
VERSION
220k
W
W
W
W
OHMIC VALUE
± 10%
TOLERANCE
TU50
PACKAGING
TU50 : Tube
SAP PART NUMBERING GUIDELINES
T
9
3
X
A
224
K
T
2
0
MODEL
STYLE
OHMIC
VALUE
TOL
PACKAGING
CODE
SPECIAL
(IF APPLICABLE)
See the end of this data book for conversion tables



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com