Electronic Components Datasheet Search
  English  ▼

X  

LMXNB Datasheet(PDF) 2 Page - AVX Corporation

Part # LMXNB
Description  LMax SMD Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXNB Datasheet(HTML) 2 Page - AVX Corporation

  LMXNB Datasheet HTML 1Page - AVX Corporation LMXNB Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3
0705/0906/1310/1913/2216
Codes
L
Tolerance
Test
DCR (Ω) max.
I sat (A) max*
(μH)
705
0906
1310
Condition
0705
0906
1310
1913
2216
0705
0906
1310
1913
2216
2216
1913
R47
0.47
P
–
P
100KHz, 0.1V
0.025
–
0.005
0.003
–
7.7
–
11.4
25.1
–
R56
0.56
–
M
–
100KHz, 0.1V
–
0.010
–
–
–
–
7.7
–
–
–
R78
0.78
–
M
–
100KHz, 0.1V
–
–
–
–
0.003
–
–
–
–
30
1R0
1.0
M
–
P
100KHz, 0.1V
0.050
–
0.006
0.004
–
2.9
–
9.9
15.3
–
1R5
1.5
M
M
P
100KHz, 0.1V
0.050
–
0.008
0.006
0.004
2.6
–
7.9
12
25
2R2
2.2
M
M
M
100KHz, 0.1V
0.070
0.035
0.011
0.008
0.006
2.3
3.5
6.1
10.2
20
3R3
3.3
M
M
M
100KHz, 0.1V
0.080
0.040
0.014
0.009
0.009
2
3
5.1
9.3
17
3R9
3.9
–
M
–
100KHz, 0.1V
–
–
–
–
0.010
–
–
–
–
15
4R7
4.7
M
M
M
100KHz, 0.1V
0.090
0.054
0.018
0.012
0.014
1.5
2.6
4.2
7.7
13
6R0
6.0
–
M
–
100KHz, 0.1V
–
–
–
–
0.017
–
–
–
–
12
6R8
6.8
M
M
M
100KHz, 0.1V
0.130
0.08
0.027
0.019
–
1.2
2.2
3.6
6.2
–
7R8
7.8
–
M
–
100KHz, 0.1V
–
–
–
–
0.018
–
–
–
–
11
100
10
M
M
M
100KHz, 0.1V
0.160
0.111
0.038
0.027
0.026
1.1
1.9
3.3
5.2
10
150
15
M
M
M
100KHz, 0.1V
0.230
0.170
0.045
0.032
0.032
0.9
1.5
2.4
4.3
8
220
22
M
M
M
100KHz, 0.1V
0.370
0.250
0.070
0.050
0.043
0.7
1.2
2
3.7
7
330
33
–
M
M
100KHz, 0.1V
–
0.350
0.100
0.069
0.066
–
0.99
1.7
3
6
470
47
–
M
M
100KHz, 0.1V
–
0.470
0.150
0.109
0.096
–
0.87
1.4
2.4
5
680
68
–
M
M
100KHz, 0.1V
–
0.730
0.220
0.156
0.115
–
0.68
1.2
2
4
101
100
–
M
M
100KHz, 0.1V
–
1.110
0.280
0.206
0.165
–
0.53
0.95
1.8
3
221
220
–
M
–
100KHz, 0.1V
–
–
–
–
0.396
–
–
–
–
2.4
331
330
–
M
–
100KHz, 0.1V
–
–
–
–
0.588
–
–
–
–
1
471
470
–
M
–
100KHz, 0.1V
–
–
–
–
0.950
–
–
–
–
0.8
ELECTRICAL CHARACTERISTICS
LMax SMD Power Inductor
LMXN Series – Non-Shielded Style B
*Saturation Current:The current when the inductance becomes 30% lower than its initial value. (Ta=25°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com