Electronic Components Datasheet Search
  English  ▼

X  

LMXNB Datasheet(PDF) 1 Page - AVX Corporation

Part # LMXNB
Description  LMax SMD Power Inductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXNB Datasheet(HTML) 1 Page - AVX Corporation

  LMXNB Datasheet HTML 1Page - AVX Corporation LMXNB Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
LMax SMD Power Inductor
LMXN Series – Non-Shielded Style B
FEATURES
• Miniature surface mount design
• High power, High saturation inductors
• Very low resistance
• Maximum power density
• Ideal inductors for DC–DC converters
• Available on tape and reel for auto surface mounting
APPLICATIONS
• Notebook Computers
• Handheld Communications
• LCD Televisions
• Power Supply For VTRs
• DC/DC Converters, etc.
CHARACTERISTICS
• Saturation Rated Current:The current when the inductance
becomes 30% lower than its initial value. (Ta=25°C)
• Operating temperature range: -40 ~ 85°C
INDUCTANCE AND RATED
CURRENT RANGES
• 0705
0.47μH ~ 22.0μH
7.7 ~ 0.70A
• 0906
0.56μH ~ 100μH
7.7 ~ 0.53A
• 1310
0.47μH ~ 100μH
11.4 ~ 0.95A
• 1913
0.47μH ~ 100μH
25.1 ~ 1.80A
• 2216
0.78μH ~ 470μH
30.0 ~ 0.8A
• Electrical specifications at 25°C
DIMENSIONS
I
J
I
H
D
C
B
E
4R7
A
100
PAD
LAYOUT
Type
A max.
B max.
C max.
D
E
H
I
J
0705
7.50
5.20
3.20
4.60
2.50
4.00
2.00
4.00
(0.295)
(0.205)
(0.126)
(0.181)
(0.098)
(0.157)
(0.079)
(0.157)
0906
8.89
6.40
5.00
5.84
2.60
4.06
2.00
5.08
(0.350)
(0.252)
(0.197)
(0.230)
(0.103)
(0.160)
(0.079)
(0.200)
1310
13.20
9.90
6.35
9.50
4.50
6.50
2.30
9.00
(0.560)
(0.390)
(0.250)
(0.374)
(0.177)
(0.256)
(0.091)
(0.344)
1913
19.40
13.30
6.80
12.7
6.60
8.00
3.80
11.7
(0.764)
(0.524)
(0.268)
(0.500)
(0.260)
(0.315)
(0.150)
(0.460)
2216
22.35
16.26
8.00
16.0
8.00
8.64
4.30
14.35
(0.880)
(0.604)
(0.315)
(0.630)
(0.315)
(0.340)
(0.169)
(0.565)
mm (inches)
LM
Family
LM = Power Inductor
XN
Series
XN = Non-Shielded
0705
Size
0705 = 7x5xh
(h = see catalog)
M
Tolerance
M = ±20%
P = +40%
–20%
S
Packaging
S = 13" Reel
R04
Inductance
R04 = 0.039μH
R39 = 0.390μH
3R9 = 3.900μH
390 = 39.00μH
391 = 390.0μH
392 = 3900μH
B
Style
T
Termination
T = Sn Plate
A
Special
A = Standard
HOW TO ORDER


Similar Part No. - LMXNB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
LMXN0705M291BTAS AVX-LMXN0705M291BTAS Datasheet
64Kb / 2P
LMax SMD Power Inductor
LMXN0705M390BTAS AVX-LMXN0705M390BTAS Datasheet
64Kb / 2P
LMax SMD Power Inductor
LMXN0705M392BTAS AVX-LMXN0705M392BTAS Datasheet
64Kb / 2P
LMax SMD Power Inductor
LMXN0705M3R9BTAS AVX-LMXN0705M3R9BTAS Datasheet
64Kb / 2P
LMax SMD Power Inductor
LMXN0705MR04BTAS AVX-LMXN0705MR04BTAS Datasheet
64Kb / 2P
LMax SMD Power Inductor
More results

Similar Description - LMXNB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
AVX Corporation
LMXN0705MR04BTAS AVX-LMXN0705MR04BTAS Datasheet
64Kb / 2P
LMax SMD Power Inductor
LMXN1309MR04CTAS AVX-LMXN1309MR04CTAS Datasheet
118Kb / 4P
LMax SMD Power Inductor
LMXS0704MR04DTAS AVX-LMXS0704MR04DTAS Datasheet
113Kb / 3P
LMax SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
logo
AVX Corporation
LMXNC AVX-LMXNC Datasheet
99Kb / 4P
LMax SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com