Electronic Components Datasheet Search
  English  ▼

X  

LMXNC Datasheet(PDF) 2 Page - AVX Corporation

Part # LMXNC
Description  LMax SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXNC Datasheet(HTML) 2 Page - AVX Corporation

  LMXNC Datasheet HTML 1Page - AVX Corporation LMXNC Datasheet HTML 2Page - AVX Corporation LMXNC Datasheet HTML 3Page - AVX Corporation LMXNC Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5
0705
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
I sat (A) max*
1R0
1.0
M
100KHz, 0.1V
0.05
2.90
1R5
1.5
M
100KHz, 0.1V
0.06
2.60
2R2
2.2
M
100KHz, 0.1V
0.07
2.30
3R3
3.3
M
100KHz, 0.1V
0.08
2.00
4R7
4.7
M
100KHz, 0.1V
0.09
1.50
6R8
6.8
M
100KHz, 0.1V
0.13
1.20
8R2
8.2
M
100KHz, 0.1V
0.16
1.15
100
10
M
100KHz, 0.1V
0.16
1.10
150
15
M
100KHz, 0.1V
0.23
0.90
220
22
M
100KHz, 0.1V
0.37
0.70
330
33
M
100KHz, 0.1V
0.51
0.58
470
47
M
100KHz, 0.1V
0.64
0.50
680
68
M
100KHz, 0.1V
0.86
0.40
101
100
M
100KHz, 0.1V
1.27
0.31
151
150
M
100KHz, 0.1V
2.00
0.27
221
220
M
100KHz, 0.1V
3.11
0.22
331
330
M
100KHz, 0.1V
3.80
0.18
471
470
M
100KHz, 0.1V
5.06
0.16
681
680
M
100KHz, 0.1V
9.20
0.14
102
1000
M
100KHz, 0.1V
13.8
0.10
ELECTRICAL CHARACTERISTICS
LMax SMD Power Inductor
LMXN Series – Non-Shielded Style C
LM
Family
LM = Power Inductor
XN
Series
XN = Non-shielded
1309
Size
1309 = 13x9xh
13E9 = 13x9xE(h)
(h = see catalog)
M
Tolerance
M = ±20%
N = ±30%
S
Packaging
S = 13" Reel
R04
Inductance
R04 = 0.039μH
R39 = 0.390μH
3R9 = 3.900μH
390 = 39.00μH
391 = 390.0μH
392 = 3900μH
C
Style
T
Termination
T = Sn Plate
A
Special
A = Standard
HOW TO ORDER
1309
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
I sat (A) max*
4R7
4.7
M
100KHz, 0.1V
0.036
4.20
6R8
6.8
M
100KHz, 0.1V
0.060
3.90
100
10
M
100KHz, 0.1V
0.085
2.70
150
15
M
100KHz, 0.1V
0.12
2.30
220
22
M
100KHz, 0.1V
0.18
1.80
330
33
M
100KHz, 0.1V
0.25
1.60
470
47
M
100KHz, 0.1V
0.32
1.30
680
68
M
100KHz, 0.1V
0.54
1.10
101
100
M
100KHz, 0.1V
0.69
0.87
151
150
M
100KHz, 0.1V
0.94
0.74
221
220
M
100KHz, 0.1V
1.60
0.56
331
330
M
100KHz, 0.1V
2.15
0.50
471
470
M
100KHz, 0.1V
3.30
0.40
681
680
M
100KHz, 0.1V
4.40
0.33
102
1000
M
100KHz, 0.1V
7.00
0.29
*Saturation Current: The current when the inductance becomes 10% lower than its initial value. (Ta=25°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com