Electronic Components Datasheet Search
  English  ▼

X  

LMXNC Datasheet(PDF) 4 Page - AVX Corporation

Part # LMXNC
Description  LMax SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LMXNC Datasheet(HTML) 4 Page - AVX Corporation

  LMXNC Datasheet HTML 1Page - AVX Corporation LMXNC Datasheet HTML 2Page - AVX Corporation LMXNC Datasheet HTML 3Page - AVX Corporation LMXNC Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7
1915
Codes
L (μH)
Tolerance
Test Condition
DCR (Ω) max.
I sat (A) max*
1R0
1.0
M
100KHz, 0.1V
0.009
20
2R2
2.2
M
100KHz, 0.1V
0.014
16
3R3
3.3
M
100KHz, 0.1V
0.018
14
5R6
5.6
M
100KHz, 0.1V
0.020
12
100
10
M
100KHz, 0.1V
0.031
10
150
15
M
100KHz, 0.1V
0.036
8.0
220
22
M
100KHz, 0.1V
0.047
7.0
330
33
M
100KHz, 0.1V
0.066
5.5
470
47
M
100KHz, 0.1V
0.095
4.5
680
68
M
100KHz, 0.1V
0.130
3.5
101
100
M
100KHz, 0.1V
0.190
3.0
151
150
M
100KHz, 0.1V
0.250
2.6
221
220
M
100KHz, 0.1V
0.380
2.4
331
330
M
100KHz, 0.1V
0.560
1.9
471
470
M
100KHz, 0.1V
0.850
1.4
681
680
M
100KHz, 0.1V
1.100
1.2
102
1000
M
100KHz, 0.1V
1.800
1.0
LMax SMD Power Inductor
Non-Shielded Style C
*Saturation Current: The current when the inductance becomes 10% lower than its initial value. (Ta=25°C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com