Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 1 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 1 Page - Analog Devices

  AD2428W Datasheet HTML 1Page - Analog Devices AD2428W Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
A2B and the A2B logo are registered trademarks of Analog Devices, Inc.
Automotive Audio Bus A2B Transceiver
AD2426W/AD2427W/AD2428W
Rev. Sp0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
A2B BUS FEATURES
Line topology
Single master, multiple slave
Up to 15 m between nodes and up to 40 m overall cable
length
Communication over distance
Synchronous data
Multichannel I
2S/TDM to I2S/TDM
Clock synchronous, phase aligned in all nodes
Low latency slave to slave communication
Control and status information I
2C to I2C
GPIO over distance
Bus power or local power slave nodes
Configurable with SigmaStudio graphical software tool
Qualified for automotive applications
A2B TRANSCEIVER FEATURES
Configurable as A
2B bus master or slave (AD2428W)
I
2C interface
8-bit to 32-bit multichannel I
2S/TDM interface
I
2S/TDM/PDM programmable data rate
Up to 32 upstream and 32 downstream channels
PDM inputs for 4 high dynamic range microphones on mas-
ters or slaves
Support for receiving I
2S data on nodes with up to 4 PDM
microphones
Unique ID register for each transceiver
Support for crossover or straight-through cabling
Programmable settings to optimize EMC performance
APPLICATIONS
Automotive audio communication link
Active noise cancellation
Microphone arrays for hands free and in car communication
Figure 1. Functional Block Diagram
A2B
TRX B
(Towards
Master)
VREG1
I2C
PLL
BCLK/PDMCLK
DTX0/DTX1
IRQ/IO0
DRX0/DRX1
SYNC
SDA
SCL
ADR1/IO1/CLKOUT1
IOVDD
A2B
TRX A
(Towards
Last Slave)
BCM
AP
ACM
BN
DVDD
ATRXVDD/BTRXVDD
PLLVDD
VSS
SWP
VIN
VOUT1
ADR2/IO2/CLKOUT2
VREG2
VOUT2
VSSN
AN
BP
SENSE
DIAGNOSTICS
®
I2S/TDM
PDM
IO7


Similar Part No. - AD2428W

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD2428W AD-AD2428W Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
1/2020-Rev. A to Rev. B
AD2428W AD-AD2428W Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
Rev. C
AD2428WCCSZ AD-AD2428WCCSZ Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
Rev. C
AD2428WCCSZ AD-AD2428WCCSZ Datasheet
1Mb / 38P
Automotive Audio Bus (A2B) Transceiver
Rev. D
AD2428WCCSZ-RL AD-AD2428WCCSZ-RL Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
Rev. C
More results

Similar Description - AD2428W

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Texas Instruments
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
logo
Analog Devices
AD2401 AD-AD2401 Datasheet
206Kb / 2P
Automotive Audio Bus Transceiver
AD2421W AD-AD2421W Datasheet
193Kb / 2P
Automotive Audio Bus A2B Transceiver
AD2420 AD-AD2420 Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
1/2020-Rev. A to Rev. B
logo
TDK Electronics
MPZ2012-J TDK-MPZ2012-J Datasheet
171Kb / 4P
Chip beads For A2B
logo
Analog Devices
AD2420 AD-AD2420_V01 Datasheet
1Mb / 38P
Automotive Audio Bus A2B Transceiver
Rev. C
AD2420 AD-AD2420_V02 Datasheet
1Mb / 38P
Automotive Audio Bus (A2B) Transceiver
Rev. D
AD2431 AD-AD2431 Datasheet
170Kb / 2P
Automotive Audio Bus (A2B) Transceiver
Rev. SpA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com