Electronic Components Datasheet Search
  English  ▼

X  

AD2428W Datasheet(PDF) 2 Page - Analog Devices

Part # AD2428W
Description  Automotive Audio Bus A2B Transceiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428W Datasheet(HTML) 2 Page - Analog Devices

  AD2428W Datasheet HTML 1Page - Analog Devices AD2428W Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. Sp0
|
Page 2 of 2
|
May 2018
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16813F-0-5/18(Sp0)
AD2426W/AD2427W/AD2428W
Data Sheet
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
GENERAL DESCRIPTION
The Automotive Audio Bus (A2B
®) provides a multichannel,
I2S/TDM link over distances of up to 15 m between nodes. It
embeds bidirectional synchronous pulse-code modulation
(PCM) data (for example, digital audio), clock, and synchroni-
zation signals onto a single differential wire pair. A2B supports a
direct point to point connection and allows multiple, daisy-
chained nodes at different locations to contribute and/or con-
sume time division multiplexed channel content.
A2B is a single-master, multiple-slave system where the trans-
ceiver chip at the host controller is the master. The master
generates clock, synchronization, and framing for all slave
nodes. The master A2B chip is programmable over a control bus
(I2C) for configuration and read back. An extension of this con-
trol bus is embedded in the A2B data stream, which grants direct
access of registers and status information on slave transceivers
as well as I2C to I2C communication over distance.
The transceiver can connect directly to general-purpose digital
signal processors (DSPs), field-programmable gate arrays
(FPGAs), application specific integrated circuits (ASICs),
microphones, analog-to-digital converters (ADCs), digital-to-
analog converters (DACs), and codecs through a multichannel
I2S/TDM interface. It also provides a PDM interface for direct
connection of up to four PDM digital microphones.
Finally, the transceiver also supports an A2B bus powering fea-
ture, where the master node supplies voltage and current to the
slave nodes over the same daisy-chained, twisted pair wire cable
as used for the communication link.
Complete technical specifications are available for the A2B
transceiver. Contact your nearest Analog Devices sales office to
complete the nondisclosure agreement (NDA) required to
receive additional product information.
Table 1. Product Comparison Guide
Feature
AD2426W AD2427W AD2428W
Master capable
No
No
Yes
Functional TRX blocks
A only
A + B
A + B
I
2S/TDM support
No
No
Yes
PDM microphone inputs
4 mics
4 mics
4 mics
Max node to node cable length 15 m
15 m
15 m



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com