Electronic Components Datasheet Search
  English  ▼

X  

AD8567 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8567
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8567 Datasheet(HTML) 5 Page - Analog Devices

  AD8567 Datasheet HTML 1Page - Analog Devices AD8567 Datasheet HTML 2Page - Analog Devices AD8567 Datasheet HTML 3Page - Analog Devices AD8567 Datasheet HTML 4Page - Analog Devices AD8567 Datasheet HTML 5Page - Analog Devices AD8567 Datasheet HTML 6Page - Analog Devices AD8567 Datasheet HTML 7Page - Analog Devices AD8567 Datasheet HTML 8Page - Analog Devices AD8567 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Data Sheet
AD8565/AD8566/AD8567
Rev. H | Page 5 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
0
–0.25
–1.50
–40
–0.50
–0.75
–1.00
–1.25
VCM = VS/2
VS = 16V
25
85
VS = 4.5V
Figure 5. Input Offset Voltage vs. Temperature
FREQUENCY (Hz)
10
1
0.1
10
100
1k
10k
4.5V ≤ VS ≤ 16V
TA = 25°C
Figure 6. Current Noise
FREQUENCY (1µs/DIV)
VS = 16V
RL = 10kΩ
CL = 100pF
AV = +1
TA = 25°C
Figure 7. Small Signal Transient Response
1000
100
1
10
FREQUENCY (Hz)
10
100
1k
10k
4.5V ≤ VS ≤ 16V
TA = 25°C
Figure 8. Voltage Noise Density vs. Frequency
SUPPLY VOLTAGE (V)
1.0
0.8
0
0.6
0.4
0.2
18
16
14
12
10
8
6
4
2
0
VO = VS/2
AV = +1
TA = 25°C
Figure 9. Supply Current/Amplifier vs. Supply Voltage
TEMPERATURE (°C)
0.80
0.75
0.50
0.70
0.65
0.60
0.55
VCM = VS/2
VS = 16V
VS = 4.5V
–40
25
85
Figure 10. Supply Current/Amplifier vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com