Electronic Components Datasheet Search
  English  ▼

X  

AD8567 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8567
Description  16 V Rail-to-Rail Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8567 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8567 Datasheet HTML 5Page - Analog Devices AD8567 Datasheet HTML 6Page - Analog Devices AD8567 Datasheet HTML 7Page - Analog Devices AD8567 Datasheet HTML 8Page - Analog Devices AD8567 Datasheet HTML 9Page - Analog Devices AD8567 Datasheet HTML 10Page - Analog Devices AD8567 Datasheet HTML 11Page - Analog Devices AD8567 Datasheet HTML 12Page - Analog Devices AD8567 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
AD8565/AD8566/AD8567
Data Sheet
Rev. H | Page 10 of 13
This input current is not inherently damaging to the device as
long as it is limited to 5 mA or less. If a condition exists using
the AD8565/AD8566/AD8567 where the input exceeds the
supply more than 0.6 V, an external series resistor must be
added. The size of the resistor can be calculated by using the
maximum over-voltage divided by 5 mA. This resistance must
be placed in series with either input exposed to an overvoltage.
OUTPUT PHASE REVERSAL
The AD8565/AD8566/AD8567 are immune to phase reversal.
Although device output does not change phase, large currents
due to input overvoltage could damage the device. In applica-
tions where the possibility of an input voltage exceeding the
supply voltage exists, overvoltage protection must be used as
described in the Input Overvoltage Protection section.
POWER DISSIPATION
The maximum allowable internal junction temperature of
150°C limits the maximum power dissipation of AD8565/
AD8566/AD8567 devices. As the ambient temperature
increases, the maximum power dissipated by AD8565/AD8566/
AD8567 devices must decrease linearly to maintain maximum
junction temperature. If this maximum junction temperature is
exceeded momentarily, the device still operates properly once
the junction temperature is reduced below 150°C. If the
maximum junction temperature is exceeded for an extended
period, overheating could lead to permanent damage of the
device.
The maximum safe junction temperature, TJMAX, is 150°C. Using
the following formula, the maximum power that an AD8565/
AD8566/AD8567 device can safely dissipate as a function of
temperature can be obtained:
PDISS = TJMAX − TA/θJA
where:
PDISS is the AD8565/AD8566/AD8567 power dissipation.
TJMAX is the AD8565/AD8566/AD8567 maximum allowable
junction temperature (150°C).
TA is the ambient temperature of the circuit.
θJA is the AD8565/AD8566/AD8567 package thermal resistance,
junction-to-ambient.
The power dissipated by the device can be calculated as
PDISS = (VS − VOUT) × ILOAD
where:
VS is the supply voltage.
VOUT is the output voltage.
ILOAD is the output load current.
Figure 30 shows the maximum power dissipation vs. temper-
ature. To achieve proper operation, use the previous equation to
calculate PDISS for a specific package at any given temperature or
use Figure 30.
AMBIENT TEMPERATURE (°C)
1.25
0.75
0
–35
0.50
0.25
1.00
–15
5
25
45
65
85
16-LEAD LFCSP
5-LEAD SC70
8-LEAD MSOP
14-LEAD TSSOP
Figure 30. Maximum Power Dissipation vs. Temperature for 5-Lead SC70,
8-Lead MSOP, 14-Lead TSSOP, and 16-Lead LFCSP Packages
THERMAL PAD—AD8567
The AD8567 LFCSP comes with a thermal pad that is attached
to the substrate. This substrate is connected to the most positive
supply, that is, Pin 3 in the LFCSP package and Pin 4 in the
TSSOP package. To be electrically safe, the thermal pad must be
soldered to an area on the board that is electrically isolated or
connected to VDD. Attaching the thermal pad to ground
adversely affects the performance of the part.
Soldering down this thermal pad dramatically improves the
heat dissipation of the package. It is necessary to attach vias that
connect the soldered thermal pad to another layer on the board.
This provides an avenue to dissipate the heat away from the
part. Without vias, the heat is isolated directly under the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com