Electronic Components Datasheet Search
  English  ▼

X  

ADDI7100 Datasheet(PDF) 14 Page - Analog Devices

Part # ADDI7100
Description  CCD Signal Processor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADDI7100 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADDI7100 Datasheet HTML 10Page - Analog Devices ADDI7100 Datasheet HTML 11Page - Analog Devices ADDI7100 Datasheet HTML 12Page - Analog Devices ADDI7100 Datasheet HTML 13Page - Analog Devices ADDI7100 Datasheet HTML 14Page - Analog Devices ADDI7100 Datasheet HTML 15Page - Analog Devices ADDI7100 Datasheet HTML 16Page - Analog Devices ADDI7100 Datasheet HTML 17Page - Analog Devices ADDI7100 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADDI7100
Data Sheet
Rev. E | Page 14 of 20
APPLICATIONS INFORMATION
The ADDI7100 is a complete analog front-end (AFE) product
for digital still camera and camcorder applications. As shown in
Figure 14, the CCD image (pixel) data is buffered and sent to
the ADDI7100 analog input through a series input capacitor.
The ADDI7100 performs the dc restoration, CDS sampling,
gain adjustment, black level correction, and analog-to-digital
conversion. The digital output data of the ADDI7100 is then
processed by the image processing ASIC. The internal registers
of the ADDI7100—used to control gain, offset level, and other
functions—are programmed by the ASIC or by a microprocessor
through a 3-wire serial digital interface. A system timing generator
provides the clock signals for both the CCD and the AFE (see
Figure 14).
0.1µF
CCD
CCDIN
BUFFER
VOUT
ADDI7100
ADCOUT
REGISTER
DATA
SERIAL
INTERFACE
DIGITAL
OUTPUTS
DIGITAL IMAGE
PROCESSING
ASIC
TIMING
GENERATOR
V-DRIVER
CCD
TIMING
CDS/CLAMP
TIMING
Figure 14. System Applications Diagram
24 REFB
23 REFT
22 CCDIN
21 AVSS
D2 1
D3 2
D0
D1
D4 3
20 AVDD
19 SHD
18 SHP
17 CLPOB
D5 4
D6 5
D7 6
D8 7
D9 8
DATA
OUTPUTS
12
9 10
3V
DRIVER
SUPPLY
3V
ANALOG
SUPPLY
3V
ANALOG
SUPPLY
12 13 14 15 16
5
CLOCK
INPUTS
3
SERIAL
INTERFACE
CCDIN
ADDI7100
TOP VIEW
(Not to Scale)
1.0µF
1.0µF
0.1µF
0.1µF
0.1µF
0.1µF
NC = NO CONNECT. THIS PIN IS NOT INTERNALLY CONNECTED, CAN BE TIED TO GROUND OR LEFT FLOATING.
PIN 1
IDENTIFIER
32 31 30 29 28 27 26 25
11
VD OUTPUT FROM ASIC/DSP
(SHOULD BE GROUNDED IF NOT USED.)
Figure 15. Recommended Circuit Configuration for CCD Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com