| Electronic Components Datasheet Search |
|
ADDI7100 Datasheet(PDF) 16 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADDI7100 Datasheet(HTML) 16 Page - Analog Devices |
|
16 / 20 page ![]() ADDI7100 Data Sheet Rev. E | Page 16 of 20 SERIAL INTERFACE TIMING All ADDI7100 internal registers are accessed through a 3-wire serial interface. Each register consists of an 8-bit address and a 16-bit data-word. Both the address and the data-word are written starting with the LSB. To write to each register, a 24-bit operation is required, as shown in Figure 16. Although many data-words are fewer than 16 bits wide, all 16 bits must be written for each register. For example, if the data-word is only eight bits wide, the upper eight bits are don’t care bits and must be filled with zeros during the serial write operation. If fewer than 16 data bits are written, the register is not updated with new data. Figure 17 shows a more efficient way to write to the registers, using the ADDI7100 address autoincrement capability. Using this method, the lowest desired address is written first, followed by multiple 16-bit data-words. Each data-word is automatically written to the address of the next highest register. By eliminating the need to write each address, faster register loading is achieved. Continuous write operations can start with any register location. A2 SDATA A0 A1 A4 A5 A6 A7 D0 D1 D2 D3 D13 D14 D15 SL A3 tLS 8-BIT ADDRESS 16-BIT DATA 24 4 5 6 7 8 9 10 11 12 22 23 tLH tDH tDS NOTES 1. SDATA BITS ARE LATCHED ON SCK RISING EDGES. SCK CAN IDLE HIGH OR LOW BETWEEN WRITE OPERATIONS. 2. ALL 24 BITS MUST BE WRITTEN: 8 BITS FOR ADDRESS AND 16 BITS FOR DATA. 3. IF THE REGISTER LENGTH IS LESS THAN 16 BITS, THEN ZEROS MUST BE USED TO COMPLETE THE 16-BIT DATA LENGTH. 4. NEW DATA VALUES ARE UPDATED IN THE SPECIFIED REGISTER LOCATION AT DIFFERENT TIMES, DEPENDING ON THE PARTICULAR REGISTER WRITTEN TO. SCK 1 2 3 Figure 16. Serial Write Operation NOTES 1. MULTIPLE SEQUENTIAL REGISTERS CAN BE LOADED CONTINUOUSLY. 2. THE FIRST (LOWEST ADDRESS) REGISTER ADDRESS IS WRITTEN, FOLLOWED BY MULTIPLE 16-BIT DATA-WORDS. 3. THE ADDRESS AUTOMATICALLY INCREMENTS WITH EACH 16-BIT DATA-WORD (ALL 16 BITS MUST BE WRITTEN). 4. SL IS HELD LOW UNTIL THE LAST DESIRED REGISTER HAS BEEN LOADED. SDATA A0 A1 A2 A6 A7 D0 D1 D14 D15 SCK SL A3 D0 D1 D14 D15 D0 DATA FOR STARTING REGISTER ADDRESS DATA FOR NEXT REGISTER ADDRESS D2 D1 1 24 2 3 4 7 8 9 10 23 26 25 40 39 42 41 43 Figure 17. Continuous Serial Write Operation |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |