Electronic Components Datasheet Search
  English  ▼

X  

ADV7481 Datasheet(PDF) 20 Page - Analog Devices

Part # ADV7481
Description  Integrated Video Decoder and Dual Mode HDMI/MHL Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7481 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADV7481 Datasheet HTML 14Page - Analog Devices ADV7481 Datasheet HTML 15Page - Analog Devices ADV7481 Datasheet HTML 16Page - Analog Devices ADV7481 Datasheet HTML 17Page - Analog Devices ADV7481 Datasheet HTML 18Page - Analog Devices ADV7481 Datasheet HTML 19Page - Analog Devices ADV7481 Datasheet HTML 20Page - Analog Devices ADV7481 Datasheet HTML 21Page - Analog Devices ADV7481 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
ADV7481
Data Sheet
DIAGx pin to sense an STB event on either input, because there
is a minimal voltage drop across the resistor.
Figure 17. Diagnostic Connection for Differential Inputs
Resistors R4 and R5 divide down the voltage at the input
connector to protect the DIAGx pin from an STB event. The
DIAGx pin circuitry compares this voltage to a programmable
reference voltage, known as the diagnostic slice level. When the
diagnostic slice level is exceeded, an STB event has occurred.
R4 and R5 are sized to allow the use of low cost, small footprint
resistors that are tolerant of STB events.
Use the following equation to find the STB voltage for a selected
diagnostic slice level.
EL
_SLICE_LEV
DIAGNOSTIC
R5
R4
R5
V
R
STB_TRIGGE
×
+
=
where:
VSTB_TRIGGER is the minimum voltage required at the input
connector to trigger the STB interrupt on the ADV7481.
DIAGNOSTIC_SLICE_LEVEL is the programmable reference
voltage.
For example, with a diagnostic slice level programmed to
1.125 V, an R4 value of 9.1 kΩ, and an R5 value of 1 kΩ, the
minimum voltage required at the input connector to trigger the
STB interrupt is approximately 11.4 V.
When the DIAGx pin voltage exceeds the diagnostic slice level
voltage, a hardware interrupt is triggered and indicated by one
of the interrupt pins. A readback register specifies the input on
which the STB event occurred.
STANDARD DEFINITION PROCESSOR
The ADV7481 is capable of decoding a large selection of
baseband video signals in composite (both single-ended and
differential), S-Video, and component formats. The video
standards supported by the video processor include
• PAL B, PAL D, PAL G, PAL H, PAL I, PAL M, PAL N,
PAL Nc, and PAL 60
• NTSC J, NTSC M, and NTSC 4.43
• SECAM B, SECAM D, SECAM G, SECAM K, and SECAM L
The ADV7481 can automatically detect the video standard and
process it accordingly.
The ADV7481 has a five-line adaptive 2D comb filter that
provides superior chrominance and luminance separation when
decoding a composite video signal. This highly adaptive filter
automatically adjusts its processing mode according to the
video standard and signal quality without requiring user
intervention. Video user controls such as brightness, contrast,
saturation, and hue are also available with the ADV7481.
The ADV7481 implements the patented Adaptive Digital Line
Length Tracking (ADLLT™) algorithm to track varying video
line lengths from sources such as a VCR. ADLLT enables the
ADV7481 to track and decode poor quality video sources such
as VCRs and noisy sources from tuner outputs, VCD players,
and camcorders. The ADV7481 contains a chroma transient
improvement (CTI) processor that sharpens the edge rate of
chroma transitions, resulting in sharper vertical transitions.
The ACE of the ADV7481 offers improved visual detail using
an algorithm that automatically varies contrast levels to enhance
picture detail. ACE allows the contrast of an image to increase
depending on the content of the picture. Typically, this allows
bright areas to be made brighter and dark areas to be made
darker. However, the ADV7481 ACE feature also allows the
contrast within dark areas to increase without significantly
affecting the bright areas of the picture. This feature is
particularly useful in automotive applications, where it is
important to discern objects in shaded areas.
Downdithering converts the output of the ADV7481 from an 8-
bit to a 6-bit output, enabling ease of design for standard LCD
panels.
The SDP can process a variety of VBI data services, such as
closed captioning (CCAP), wide screen signaling (WSS), and
copy generation management system (CGMS).
The ADV7481 is fully Rovi® (Macrovision®) compliant;
detection circuitry enables Type I, Type II, and Type III
protection levels to be identified and reported to the user. The
decoder is also fully robust to all Macrovision signal inputs.
8-BIT DIGITAL INPUT/OUTPUT PORT
The ADV7481 features an 8-bit digital bidirectional port. The
following formats are supported both as input and output ports:
•
8-bit interleaved 4:2:2 SDR input/output with embedded
timing codes
•
8-bit interleaved 4:2:2 DDR input/output with embedded
timing codes
The maximum input and output video resolution supported is
720p/1080i in both SDR and DDR modes.
Video received on the 8-bit digital input port can be routed to
the four-lane MIPI CSI-2 transmitter. Video sent on the 8-bit
digital output port can be routed from either the SD core or the
CP core.
AINx
AINy
ANALOG INPUT
ANALOG INPUT
CVBS_P
CVBS_N
1.3kΩ
1.3kΩ
75Ω
OR
150Ω
430Ω
430Ω
DIAGx
R4
R5
100nF
100nF
Rev. 0 | Page 20 of 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com