Electronic Components Datasheet Search
  English  ▼

X  

ADV7481 Datasheet(PDF) 22 Page - Analog Devices

Part # ADV7481
Description  Integrated Video Decoder and Dual Mode HDMI/MHL Receiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7481 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADV7481 Datasheet HTML 14Page - Analog Devices ADV7481 Datasheet HTML 15Page - Analog Devices ADV7481 Datasheet HTML 16Page - Analog Devices ADV7481 Datasheet HTML 17Page - Analog Devices ADV7481 Datasheet HTML 18Page - Analog Devices ADV7481 Datasheet HTML 19Page - Analog Devices ADV7481 Datasheet HTML 20Page - Analog Devices ADV7481 Datasheet HTML 21Page - Analog Devices ADV7481 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
ADV7481
Data Sheet
Rev. 0 | Page 22 of 22
OUTLINE DIMENSIONS
Figure 18. 100-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
(BC-100-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2, 3
Temperature Range
Package Description
Package Option
ADV7481WBBCZ
−40°C to +85°C
100-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-4
ADV7481WBBCZ-RL
−40°C to +85°C
100-Ball Chip Scale Package Ball Grid Array [CSP_BGA]
BC-100-4
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
3 This device is programmed with internal HDCP keys. Customer must have HDCP adopter status (consult Digital Protection, LLC, for licensing requirements) to
purchase any components with internal HDCP keys
AUTOMOTIVE PRODUCTS
The ADV7481W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
9.10
9.00 SQ
8.90
7.20
BSC SQ
0.50
0.45
0.40
*COMPLIANT TO JEDEC STANDARDS MO-275-DDAB-1
WITH THE EXCEPTION TO PACKAGE HEIGHT
COPLANARITY
0.12
0.26
REF
A
B
C
D
E
F
G
H
J
K
7
6
3
2
1
5
4
BALL DIAMETER
0.80
BSC
0.90
REF
DETAIL A
A1 BALL
CORNER
A1 BALL
CORNER
DETAIL A
BOTTOM VIEW
TOP VIEW
SEATING
PLANE
*1.400
1.253
1.173
0.975
0.910
0.845
0.383
0.343
0.303
8
9
10
©2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D12046-0-6/14(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com